データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW802A データシート(PDF) 2 Page - Agere Systems

部品番号 FW802A
部品情報  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

FW802A データシート(HTML) 2 Page - Agere Systems

  FW802A Datasheet HTML 1Page - Agere Systems FW802A Datasheet HTML 2Page - Agere Systems FW802A Datasheet HTML 3Page - Agere Systems FW802A Datasheet HTML 4Page - Agere Systems FW802A Datasheet HTML 5Page - Agere Systems FW802A Datasheet HTML 6Page - Agere Systems FW802A Datasheet HTML 7Page - Agere Systems FW802A Datasheet HTML 8Page - Agere Systems FW802A Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
22
Agere Systems Inc.
Data Sheet, Rev. 3
June 2001
Two-Cable Transceiver/Arbiter Device
FW802A Low-Power PHY IEEE 1394A-2000
Table of Contents
Contents
Page
Distinguishing Features ......................................................................................................................................... 1
Features ................................................................................................................................................................ 1
Other Features ...................................................................................................................................................... 1
Description ............................................................................................................................................................. 3
Signal Information .................................................................................................................................................. 6
Application Information ........................................................................................................................................ 10
Crystal Selection Considerations ......................................................................................................................... 11
1394 Application Support Contact Information .................................................................................................... 12
Absolute Maximum Ratings ................................................................................................................................. 12
Electrical Characteristics ..................................................................................................................................... 13
Timing Characteristics ......................................................................................................................................... 16
Timing Waveforms ............................................................................................................................................... 17
Internal Register Configuration ............................................................................................................................ 18
Outline Diagrams ................................................................................................................................................. 23
Ordering Information ............................................................................................................................................ 23
List of Figures
Figures
Page
Figure 1. Block Diagram ........................................................................................................................................ 5
Figure 2. Pin Assignments ..................................................................................................................................... 6
Figure 3. Typical External Component Connections ........................................................................................... 10
Figure 4. Typical Port Termination Network ........................................................................................................ 11
Figure 5. Dn, CTLn, and LREQ Input Setup and Hold Times Waveforms .......................................................... 17
Figure 6. Dn, CTLn Output Delay Relative to SYSCLK Waveforms .................................................................... 17
List of Tables
Tables
Page
Table 1. Signal Descriptions................................................................................................................................... 7
Table 2. Absolute Maximum Ratings.................................................................................................................... 12
Table 3. Analog Characteristics............................................................................................................................ 13
Table 4. Driver Characteristics ............................................................................................................................. 14
Table 5. Device Characteristics............................................................................................................................ 15
Table 6. Switching Characteristics ....................................................................................................................... 16
Table 7. Clock Characteristics ............................................................................................................................. 16
Table 8. PHY Register Map for the Cable Environment ...................................................................................... 18
Table 9. PHY Register Fields for the Cable Environment .................................................................................... 18
Table 10. PHY Register Page 0: Port Status Page ............................................................................................. 20
Table 11. PHY Register Port Status Page Fields ................................................................................................ 21
Table 12. PHY Register Page 1: Vendor Identification Page ............................................................................. 22
Table 13. PHY Register Vendor Identification Page Fields ................................................................................. 22


同様の部品番号 - FW802A

メーカー部品番号データシート部品情報
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B-DB AGERE-FW802B-DB Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802BF-09-DB AGERE-FW802BF-09-DB Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results

同様の説明 - FW802A

メーカー部品番号データシート部品情報
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com