データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1393147-8 データシート(PDF) 3 Page - Tyco Electronics

部品番号 2-1393147-8
部品情報  Power Relay RM 8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393147-8 データシート(HTML) 3 Page - Tyco Electronics

  2-1393147-8 Datasheet HTML 1Page - Tyco Electronics 2-1393147-8 Datasheet HTML 2Page - Tyco Electronics 2-1393147-8 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 8 (Continued)
Product code
Contacts
Version
Enclosure
Coil
Coil
Part number
RM805024
2 form C,
Without
Mounting brackets
DC-coil
24VDC
2-1393844-7
RM805524
2 CO contacts
test button
quick c. 6.3 mm
AC-coil
24VAC
2-1393147-9
RM805615
25 A
115VAC
3-1393147-1
RM805730
230VAC
3-1393147-3
RM808024
DIN-snap-on
DC-coil
24VDC
2-1393844-9
RM808524
horizontal
AC-coil
24VAC
3-1393147-7
RM808730
230VAC
5-1393149-7
RM809024
DIN-snap-on
DC-coil
24VDC
5-1393149-8
RM809615
vertical
AC-coil
115VAC
3-1393147-8
RM809730
230VAC
3-1393147-9
RM835024
With
mounting brackets
DC-coil
24VDC
4-1393147-1
RM835524
test button
quick c. 6.3 mm
AC-coil
24VAC
4-1393147-3
RM835615
115VAC
4-1393147-4
RM835730
230VAC
4-1393147-6
RM838024
DIN-snap-on
DC-coil
24VDC
4-1393147-8
RM838524
horizontal
AC-coil
24VAC
5-1393147-0
RM838730
230VAC
5-1393147-1
RM839024
DIN-snap-on
DC-coil
24VDC
5-1393147-4
RM839524
vertical
AC-coil
24VAC
5-1393147-5
RM839730
230VAC
5-1393147-6
Product code structure
Typical product code
RM
8
0
9
024
Type
RM Power relay RM8
Contact configuration
8
2 form C contacts (2 CO), 25A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi90/10, without test button
7
AgNi90/10, with test button
Enclosure
5
cover with mounting brackets, 6.3mm quick connect terminals
8
cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table


同様の部品番号 - 2-1393147-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393147-0 MACOM-2-1393147-0 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
logo
TE Connectivity Ltd
2-1393147-0 TEC-2-1393147-0 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
2-1393147-0 TEC-2-1393147-0 Datasheet
333Kb / 4P
   Mechanical indicator
logo
Tyco Electronics
2-1393147-2 MACOM-2-1393147-2 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
logo
TE Connectivity Ltd
2-1393147-2 TEC-2-1393147-2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
More results

同様の説明 - 2-1393147-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393147-9 MACOM-2-1393147-9 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-6 MACOM-2-1393844-6 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-9 MACOM-2-1393844-9 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-7 MACOM-2-1393844-7 Datasheet
486Kb / 3P
   Power Relay RM 8
RM805024_0607 MACOM-RM805024_0607 Datasheet
191Kb / 3P
   Power Relay RM 8
2-1393147-4 MACOM-2-1393147-4 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393147-6 MACOM-2-1393147-6 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
   Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
   Accessories Power Relay RM
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
   Accessories Power Relay RM
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com