データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1393203-9 データシート(PDF) 3 Page - Tyco Electronics

部品番号 2-1393203-9
部品情報  Power PCB Relay U/UB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393203-9 データシート(HTML) 3 Page - Tyco Electronics

  2-1393203-9 Datasheet HTML 1Page - Tyco Electronics 2-1393203-9 Datasheet HTML 2Page - Tyco Electronics 2-1393203-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay U/UB (Continued)
Product code structure
Typical product code
V23148
-A
0
0
07
-A
101
Type
V23148 Power PCB Relay U/UB
Version
A Monostable (Miniature power relay U)
B Bistable (Miniature power relay UB, remanence version)
Dielectric strength coil-contact
0
2kVrms
1
4kVrms
Version
Monostable
Bistable
0
Standard
0
Standard
1
Sensitive
Coil
03 6VDC
07 24VDC
05 12VDC
08 48VDC
Contact configuration
A 1 form C contact (1 CO)
C 1 form B contact (1 NC)
B 1 form A contact (1 NO)
Contact material
101
AgNi10
Other types on request
Product code
Version
Dielectric
Version
Arrangement
Part number
V23148-A0003-A101
Monostable
2000 Vrms
Standard
1 form C (CO)
1393203-4
V23148-A0003-B101
relay ‚U‘
contact-coil
1 form A (NO)
1393203-5
V23148-A0005-A101
AgNi10
1 form C (CO)
1393203-8
V23148-A0005-B101
1 form A (NO)
1393203-9
V23148-A0007-A101
1 form C (CO)
1-1393203-1
V23148-A0007-B101
1 form A (NO)
1-1393203-2
V23148-A0008-A101
1 form C (CO)
1-1393203-4
V23148-A0105-A101
Sensitive
2-1393203-1
V23148-A0107-A101
2-1393203-4
V23148-A1005-A101
4000 Vrms
Standard
2-1393203-7
V23148-A1007-A101
contact-coil
2-1393203-8
V23148-A1105-A101
Sensitive
2-1393203-9
V23148-A1107-A101
3-1393203-1
V23148-B0003-A101
Bistable
2000 Vrms
Standard
1393204-4
V23148-B0005-A101
relay ‚UB‘
contact-coil
1393204-7
V23148-B0007-A101
AgNi10
1-1393204-0
V23148-B0008-A101
1-1393204-3


同様の部品番号 - 2-1393203-9

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
2-1393203-9 TEC-2-1393203-9 Datasheet
407Kb / 3P
   Bistable and DC version
More results

同様の説明 - 2-1393203-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
V23148 MACOM-V23148 Datasheet
80Kb / 3P
   Power PCB Relay U/UB
V23148-A0003-A101 MACOM-V23148-A0003-A101 Datasheet
191Kb / 3P
   Power PCB Relay U/UB
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com