データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1393210-0 データシート(PDF) 2 Page - Tyco Electronics

部品番号 2-1393210-0
部品情報  T9A Series, DC Coil 30A PCB or Panel Mount Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393210-0 データシート(HTML) 2 Page - Tyco Electronics

  2-1393210-0 Datasheet HTML 1Page - Tyco Electronics 2-1393210-0 Datasheet HTML 2Page - Tyco Electronics 2-1393210-0 Datasheet HTML 3Page - Tyco Electronics 2-1393210-0 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued)
08-2012, Rev. 0812
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
2500Vrms
Initial surge withstand voltage
between contact and coil
6kV
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
3.18mm clearance/6.3638mm
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-55ºC to 85ºC 3)
105°C models available
Category of environmental protection
IEC 61810
RT0 - open, RTI - dust protected,
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional)
1.65mm max excursions, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Terminal type
pcb-tht and pcb-tht + quick connect
Weight
26g mounting code 1
33g mounting codes 2 and 5
Resistance to soldering heat THT
IEC 60068-2-20
250°C
Packaging/unit
tray/50 pcs., bundle/250 pcs., box/500 pcs.
3) Operating ambient temperature must consider “Must Operate Voltage Change Over
Temperature,” Contact Temperature Rise, Coil Temperature Rise (If coil is not allowed to
cool) and Maximum Coil Temperature. Specification ambient considers 20A load with
coil cooled to ambient.
Coil Data (continued)
Ambient temperature vs. coil voltage – 1W coil
Data below are average values and should be verified in application. Tests
were conducted within a 2’ (.6 m) cube (still air); at nominal coil power @
25°C; with normally open contact loaded; and with 4’ (1.22 m) long, #10
AWG load wires. P.C. board relays were mounted to a 30A, single side P.C.
board. Coil rise test conducted with a 30A PC board to maintain 20°C max.
rize at 30°C. The relay connections and wiring must be designed with an
adequate cross section to ensure proper current flow and heat dissipation.
2) Remove knock-off nib after cleaning process for optimum life of wash-tight relays.
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
Wash-Tight Relay, Vented (2,
Load Connections Via Q.C. Terminals,
PC Mount
0A
10A
20A
30A
Applied Coil Voltage (% of Rated Voltage)
40
60
80
100
120
140
180
160
140
120
100
80
60
Dust Protected Relay,
Flange Mount
0A
10A
20A
30A
Applied Coil Voltage (% of Rated Voltage)
0
20
40
60
80
100
120
140
180
160
140
120
100
80
60
0A
10A
20A
30A
Wash-Tight Relay, Vented (2
PC Terminals For Coil & Contacts
Applied Coil Voltage (% of Rated Voltage)
Dimensions
T9AS – Mounting and termination code 2
T9AP – Mounting and termination code 5
.032 x .062
(.81 x 1.57)
.045 x .045
(1.14 x 1.14)
.03
(.80)
2 PLACES
.250 x .032 QUICK
(6.35 x .81) CONNECT
1.280 MAX.
(32.51)
1.080 MAX.
(27.43)
.130 .020
(3.30 .51)
1.100 MAX.
(27.94)
Ø
.187 x .020
(4.75 x .508)
QUICK
CONNECT
1.080 MAX.
(27.43)
1.980 MAX.
(50.29)
1.713 ± .010
(43.51 ± .25)
.071 (1.80) RAD. FOR #6 SCREW
1.280 MAX.
(32.51)
1.100 MAX.
(27.94)
.250 x .032
(6.35 x .81)
QUICK
CONNECT
Note: Recommended mounting screw torque is 4.0-5.0 lbs.in when #6 screw is used.


同様の部品番号 - 2-1393210-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
2-1393210-0 TEC-2-1393210-0 Datasheet
736Kb / 4P
   Plastic sealed case available
2-1393210-0 TEC-2-1393210-0 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

同様の説明 - 2-1393210-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1419104-8 MACOM-2-1419104-8 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
logo
TE Connectivity Ltd
T9AN1L22-24 TEC-T9AN1L22-24 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1393210-4 MACOM-2-1393210-4 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1393210-5 MACOM-2-1393210-5 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
T9AV1D22-24 MACOM-T9AV1D22-24 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-2 MACOM-2-1419104-2 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-6 MACOM-2-1419104-6 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-3 MACOM-2-1419104-3 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-5 MACOM-2-1419104-5 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-1 MACOM-2-1419104-1 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com