データシートサーチシステム |
|
TMPR28051-3-SL5 データシート(PDF) 8 Page - Agere Systems |
|
TMPR28051-3-SL5 データシート(HTML) 8 Page - Agere Systems |
8 / 90 page TMPR28051 STS-1/AU-3 (STM-0) Mapper Advisory, Rev. 2 Device Advisory for Version 3 of the Device August 5, 1999 2 Lucent Technologies Inc. Error Insertion (EI) (continued) EI-3. False S-BIP, L-BIP, and P-BIP Error Insertion The device transmits S-BIP, L-BIP, and P-BIP errors when configured for automatic insertion of REI, and certain STS-1 error conditions such as LOS, LOF, LOP-P, S-BIP, L-BIP, and P-BIP are inserted. EI-4. Forcing AIS Condition In order to force AIS using the VTDROP bits, a value of 0x1D must be programmed for DS1 AIS, and a value of 0x1E must be programmed for E1 AIS. VT Mapping (VT) VT-1. VT Path Payload Label Mismatch The device reports PLM-V when it detects three consecutive consistent new values for the VT label. This is in com- pliance with G.783 Section 2.2.2.7 and T1.231 Section 8.1.3.5.2.4.2 specifications, but is not compliant with GR-253 Section 6.2.1.1.8.C. VT-2. Failure in the Detection of VT Loss of Pointer Defects s The device fails to detect an LOP-V defect or insert the required DS1/E1 AIS downstream when it receives VT pointer words with the N bits continuously set to 1001 (i.e., with a continuously set NDF). s The device also apparently fails to detect an LOP-V defect when it continuously receives a VT pointer word of 6C68 (i.e., a value indicating a VT1.5 with an offset of 104 bytes, versus a maximum valid offset of 103 bytes). In this case, the device inserts the required DS1 AIS downstream, but does not subsequently declare an LOP-V failure (nonconformance to GR 253, R6-71). VT-3. Inappropriate Termination of VT Loss of Pointer Defect Condition After the device has detected an LOP-V defect, it inappropriately terminates that defect upon receiving two pointer words containing the same value as the previous valid pointer. According to GR 253, an LOP-V defect must not be terminated unless a valid pointer is received in three consecutive VT superframes (nonconformance to GR 253, R6-75). VT-4. Inappropriate Termination of VT Alarm Indication Signal Defect Condition After the device has detected an AIS-V defect, it inappropriately terminates that defect upon receiving two pointer words containing the same value as the previous valid pointer and without a set NDF (e.g., with the N bits set to 0110). According to GR 253, an AIS-V defect must not be terminated unless a normal valid pointer is received in three consecutive VT superframes, or a valid pointer with a set NDF is received in one VT superframe (nonconfor- mance to GR 253, R6-183). |
同様の部品番号 - TMPR28051-3-SL5 |
|
同様の説明 - TMPR28051-3-SL5 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |