データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA16L1CAA データシート(PDF) 7 Page - Agere Systems

部品番号 TA16L1CAA
部品情報  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

TA16L1CAA データシート(HTML) 7 Page - Agere Systems

Back Button TA16L1CAA Datasheet HTML 3Page - Agere Systems TA16L1CAA Datasheet HTML 4Page - Agere Systems TA16L1CAA Datasheet HTML 5Page - Agere Systems TA16L1CAA Datasheet HTML 6Page - Agere Systems TA16L1CAA Datasheet HTML 7Page - Agere Systems TA16L1CAA Datasheet HTML 8Page - Agere Systems TA16L1CAA Datasheet HTML 9Page - Agere Systems TA16L1CAA Datasheet HTML 10Page - Agere Systems TA16L1CAA Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Agere Systems Inc.
Data Sheet
TA16-Type 2.5 Gbits/s Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
43
Rx3.3D
I
Supply
Receiver 3.3 V Digital Supply
44
Rx3.3D
I
Supply
Receiver 3.3 V Digital Supply
45
NC
No User Connection Permitted
46
RxAGND
I
Supply
Receiver Analog Ground
47
RxAGND
I
Supply
Receiver Analog Ground
48
Rx3.3A
I
Supply
Receiver 3.3 V Analog Supply
49
RxAGND
I
Supply
Receiver Analog Ground
50
RxAGND
I
Supply
Receiver Analog Ground
51
RxDGND
I
Supply
Receiver Digital Ground
52
NC
No User Connection Permitted
53
NC
No User Connection Permitted
54
NC
No User Connection Permitted
55
RxDGND
I
Supply
Receiver Digital Ground
56
RxQ14P
O
LVPECL
Receiver 155 Mbits/s Data Output
57
RxQ14N
O
LVPECL
Receiver 155 Mbits/s Data Output
58
RxQ12P
O
LVPECL
Receiver 155 Mbits/s Data Output
59
RxQ12N
O
LVPECL
Receiver 155 Mbits/s Data Output
60
RxDGND
I
Supply
Receiver Digital Ground
61
RxQ10P
O
LVPECL
Receiver 155 Mbits/s Data Output
62
RxQ10N
O
LVPECL
Receiver 155 Mbits/s Data Output
63
RxQ08P
O
LVPECL
Receiver 155 Mbits/s Data Output
64
RxQ08N
O
LVPECL
Receiver 155 Mbits/s Data Output
65
RxDGND
I
Supply
Receiver Digital Ground
66
RxQ06P
O
LVPECL
Receiver 155 Mbits/s Data Output
67
RxQ06N
O
LVPECL
Receiver 155 Mbits/s Data Output
68
RxQ04P
O
LVPECL
Receiver 155 Mbits/s Data Output
69
RxQ04N
O
LVPECL
Receiver 155 Mbits/s Data Output
70
RxDGND
I
Supply
Receiver Digital Ground
71
RxQ02P
O
LVPECL
Receiver 155 Mbits/s Data Output
72
RxQ02N
O
LVPECL
Receiver 155 Mbits/s Data Output
73
RxQ00P
O
LVPECL
Receiver 155 Mbits/s LSB Data Output
74
RxQ00N
O
LVPECL
Receiver 155 Mbits/s LSB Data Output
75
RxDGND
I
Supply
Receiver Digital Ground
76
NC
No User Connection Permitted
77
NC
No User Connection Permitted
78
NC
No User Connection Permitted
79
NC
No User Connection Permitted
80
FGND
I
Supply
Frame Ground1
81
FGND
I
Supply
Frame Ground1
82
RESET
I
LVTTL
Master Reset
83
TxDGND
I
Supply
Transmitter Digital Ground
84
TxREFCLKP
I
LVPECL
Transmitter 155 Mbits/s Reference Clock Input
85
TxREFCLKN
I
LVPECL
Transmitter 155 Mbits/s Reference Clock Input
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. TA16-Type Transponder Pinout (continued)
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).


同様の部品番号 - TA16L1CAA

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

同様の説明 - TA16L1CAA

メーカー部品番号データシート部品情報
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com