データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA16L1FAA データシート(PDF) 1 Page - Agere Systems

部品番号 TA16L1FAA
部品情報  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

TA16L1FAA データシート(HTML) 1 Page - Agere Systems

  TA16L1FAA Datasheet HTML 1Page - Agere Systems TA16L1FAA Datasheet HTML 2Page - Agere Systems TA16L1FAA Datasheet HTML 3Page - Agere Systems TA16L1FAA Datasheet HTML 4Page - Agere Systems TA16L1FAA Datasheet HTML 5Page - Agere Systems TA16L1FAA Datasheet HTML 6Page - Agere Systems TA16L1FAA Datasheet HTML 7Page - Agere Systems TA16L1FAA Datasheet HTML 8Page - Agere Systems TA16L1FAA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TA16-Type 2.5 Gbits/s Transponder with
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Data Sheet
March 2001
The TA16-Type transponders integrate up to 15 discrete ICs
and optical components, including a 2.5 Gbits/s optical trans-
mitter and receiver pair, all in a single, compact package.
Features
s
2.5 Gbits/s optical transmitter and receiver with
16-channel 155 Mbits/s multiplexer/demultiplexer
s
Available with 1.31 µm Fabry-Perot laser transmit-
ter and PIN receiver for intraoffice applications,
and 1.31 µm or 1.55 µm DFB laser transmitters
and PIN or APD receiver for short-haul to long-haul
applications
s
Pigtailed low-profile package
s
Differential LVPECL data interface
s
Operating case temperature range: 0 °C to 65 °C
s
Automatic transmitter optical power control
s
Laser bias monitor output
s
Optical transmitter disable input
s
SONET frame-detect enable
s
Loss of signal, loss of sync, loss of framing alarms
s
Diagnostic loopback capability
s
Line loopback operation
Applications
s
Telecommunications:
— Inter- and intraoffice SONET/SDH
— Subscriber loop
— Metropolitan area networks
s
High-speed data communications
Description
The TA16 transponder performs the parallel-to-serial-
to-optical transport and optical transport-to-serial-to-
parallel function of the SONET/SDH protocol. The
TA16 transmitter performs the bit serialization and
optical transmission of SONET/SDH OC-48/STM-16
data that has been formatted into standard SONET/
SDH compliant, 16-bit parallel format. The TA16
receiver performs the optical-to-electrical conversion
function and is then able to detect frame and byte
boundaries and demultiplex the serial data into 16-bit
parallel OC-48/STM-16 format.
Note: The TA16 transponder does not perform byte-
level multiplexing or interleaving.
Figure 1 shows a simplified block diagram of the
TA16-type transponder. This device is a bidirectional
module designed to provide a SONET or SDH com-
pliant electro-optical interface between the SONET/
SDH photonic physical layer and the electrical sec-
tion layer. The module contains a 2.5 Gbits/s optical
transmitter and a 2.5 Gbits/s optical receiver in the
same physical package along with the electronics
necessary to multiplex and demultiplex sixteen
155 Mbits/s electrical channels. Clock synthesis and
clock recovery circuits are also included within the
module.
In the transmit direction, the transponder module
multiplexes sixteen 155 Mbits/s LVPECL electrical
data signals into an optical signal at 2488.32 Mbits/s
for launching into optical fiber. An internal 2.488 GHz
reference oscillator is phase-locked to an external
155 MHz data timing reference.


同様の部品番号 - TA16L1FAA

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

同様の説明 - TA16L1FAA

メーカー部品番号データシート部品情報
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com