データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLZ1005W データシート(PDF) 5 Page - TDK Electronics

部品番号 MLZ1005W
部品情報  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005W データシート(HTML) 5 Page - TDK Electronics

  MLZ1005W Datasheet HTML 1Page - TDK Electronics MLZ1005W Datasheet HTML 2Page - TDK Electronics MLZ1005W Datasheet HTML 3Page - TDK Electronics MLZ1005W Datasheet HTML 4Page - TDK Electronics MLZ1005W Datasheet HTML 5Page - TDK Electronics MLZ1005W Datasheet HTML 6Page - TDK Electronics MLZ1005W Datasheet HTML 7Page - TDK Electronics MLZ1005W Datasheet HTML 8Page - TDK Electronics MLZ1005W Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
• All specifications are subject to change without notice.
(4/10)
002-06 / 20120514 / e533_mlz
Inductors for Decoupling Circuits
Multilayer/STD • Magnetic Shielded
MLZ Series MLZ1608
The MLZ Series is a line of multilayer choke coils for decoupling
power circuits.
The MLZ1608-W Series, a line of the MLZ Series, has increased
its DC superimposition characteristics by up to 225%compared
with existing products through the use of TDK's proprietary ferrite
material technology.
Also available is the MLZ1608-L Series. This series has lowered its
resistance by up to 40% compared with existing products through
the adoption of a new ferrite material and dense electrodes. This
series includes the E3 Series, which handles 1.0 to 10µH, hence it
is extremely useful in the power-supply design of low-voltage cir-
cuits.
FEATURES
• The W Series (IDC UP type) is a line of products that have
achieved the industry's bestDC superimposition characteristics.
According to research conducted in August 2010.
• The L Series (Low-resistance type) has lowered its resistance by
up to 40% compared with existing products.
• The D Series (High frequency type) is a line of decoupling coil
products for high frequencies. It can handle higher noise
frequencies.
APPLICATIONS
Modules such as digital cellular phone and camera module, Net-
books, note PCs, DSCs, DVCs, video games, portable memory
audio devices, navigation systems, PNDs, TVs, W-LANs, solid
state drives
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Management symbol
(4) Inductance
(5) Characteristic type
(6) Packaging style
(7) TDK internal code
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
Operating temperature range
–55 to +125°C
[Including self-temperature rise]
Storage temperature range
–55 to +125°C(After mount)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
MLZ
1608
A
1R0
W
T
(1)
(2)
(3)
(4)
(5) (6)
(7)
1608
1.6
0.8mm
R10
0.1
H
1R0
1.0
H
100
10.0
H
D
High frequency type
W
IDC-UP type
L
Low-resistance type
T
Taping [reel]
Packaging style
Quantity
Taping
4000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


同様の部品番号 - MLZ1005W

メーカー部品番号データシート部品情報
logo
TDK Electronics
MLZ1005 TDK-MLZ1005 Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ1005M1R0WT TDK-MLZ1005M1R0WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R0WT000 TDK-MLZ1005M1R0WT000 Datasheet
157Kb / 3P
   Inductors (Coils)
MLZ1005M1R5WT TDK-MLZ1005M1R5WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R5WT000 TDK-MLZ1005M1R5WT000 Datasheet
155Kb / 3P
   Inductors (Coils)
More results

同様の説明 - MLZ1005W

メーカー部品番号データシート部品情報
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com