データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7610BBCZ-P データシート(PDF) 7 Page - Analog Devices

部品番号 ADV7610BBCZ-P
部品情報  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-P データシート(HTML) 7 Page - Analog Devices

Back Button ADV7610BBCZ-P Datasheet HTML 3Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 4Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 5Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 6Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 9Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 10Page - Analog Devices ADV7610BBCZ-P Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to
GND1
5.3 V
Digital Outputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
XTALP, XTALN
GND − 0.3 V to PVDD + 0.3 V
SCL/SDA Data Pins to DVDDIO
DVDDIO − 0.3 V to
DVDDIO + 3.6 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature Range
−60°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL, DDCA_SDA,
and RXA_5V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7610, turn
off the unused sections of the part.
Due to the PCB metal variation and, therefore, variation in PCB
heat conductivity, the value of θJA may differ for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the θJA value.
Do not exceed the maximum junction temperature (TJ MAX) of
125°C. The following equation calculates the junction temperature
using the measured package surface temperature, and it applies
only when a heat sink is not used on the device under test (DUT):
TJ = TS + (ΨJT × WTOTAL)
where:
TS is the package surface temperature (°C).
ΨJT = 0.4°C/W for the 76-ball CSP_BGA.
WTOTAL = ((PVDD × IPVDD) + (0.05 × TVDD × ITVDD) +
(CVDD × ICVDD) + (DVDD × IDVDD) + (DVDDIO × IDVDDIO))
where 0.05 is 5% of the TVDD power that is dissipated on the
device itself.
ESD CAUTION


同様の部品番号 - ADV7610BBCZ-P

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

同様の説明 - ADV7610BBCZ-P

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com