データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7610BBCZ-P-RL データシート(PDF) 3 Page - Analog Devices

部品番号 ADV7610BBCZ-P-RL
部品情報  Low Power, 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7610BBCZ-P-RL データシート(HTML) 3 Page - Analog Devices

  ADV7610BBCZ-P-RL Datasheet HTML 1Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 2Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 3Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 4Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 5Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 6Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 7Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 8Page - Analog Devices ADV7610BBCZ-P-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADV7610
Rev. 0 | Page 3 of 16
GENERAL DESCRIPTION
The ADV7610 is offered in professional (no HDCP) and industrial
versions. The operating temperature range is −40°C to +85°C.
The ADV7610 is a high quality, single input HDMI-capable
receiver. It incorporates an HDMI-capable receiver that supports
all mandatory 3D TV defined in HDMI specification. The
ADV7610 supports formats up to UXGA 60 Hz at eight bits.
It integrates a CEC controller that supports the capability
discovery and control (CDC) feature.
The ADV7610 has a 4-channel stereo audio output port for the
audio data extracted from the HDMI stream. The HDMI receiver
has an advanced mute controller that prevents audible extraneous
noise in the audio output.
The following audio formats are accessible:
Four streams from the I2S serializer (eight channels)
A stream from the S/PDIF serializer (two uncompressed
channels or N compressed channels, for example, AC3)
A DST stream
The HDMI port has dedicated 5 V detect and Hot Plug assert pins.
The HDMI receiver also includes an integrated equalizer that
ensures the robust operation of the interface with long cables.
The ADV7610 contains one main component processor (CP)
that processes the video signals from the HDMI receiver. It
provides features such as contrast, brightness, saturation
adjustments, STDI detection block, free run, and synchronization
alignment controls.
Fabricated in an advanced CMOS process, the ADV7610 is provided
in a 6 mm × 6 mm, 76-ball CSP_BGA, RoHS-compliant package
and is specified over the −40°C to +85°C temperature range.
DETAILED FUNCTIONAL BLOCK DIAGRAM
CONTROL
INTERFACE
I2C
CONTROL
AND DATA
PLL
EDID
REPEATER
CONTROLLER
HDCP
ENGINE
PACKET/
INFOFRAME
MEMORY
12
12
12
BACKEND
COLORSPACE
CONVERSION
COMPONENT
PROCESSOR
5V DETECT
AND HPD
CONTROLLER
AUDIO
PROCESSOR
DATA
PREPROCESOR
AND COLOR-
SPACE
CONVERSION
HDMI
PROCESSOR
PACKET
PROCESSOR
A
B
C
MUTE
INTERRUPT
CONTROLLER
(INT1, INT2)
P0 TO P7
*INT2 CAN BE OUTPUT ON ONE OF THE FOLLOWING PINS ONLY: SCLK/INT2, MCLK/INT2, OR HPA_A/INT2.
XTALP
XTALN
SCL
SDA
CEC
RXA_5V
HPA_A/INT2*
DDCA_SDA
DDCA_SCL
RXA_C±
RXA_0±
RXA_1±
RXA_2±
P8 TO P15
P16 TO P23
LLC
HS
VS/FIELD/ALSB
DE
INT1
INT2*
LRCLK
SCLK/INT2*
MCLK/INT2*
4
I2S0 TO I2S3
HDCP
EEPROM
SAMPLER
EQUALIZER
DPLL
CEC
CONTROLLER
ADV7610
Figure 2. Detailed Functional Block Diagram


同様の部品番号 - ADV7610BBCZ-P-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ AD-ADV7611BSWZ Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P AD-ADV7611BSWZ-P Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-P-RL AD-ADV7611BSWZ-P-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7611BSWZ-RL AD-ADV7611BSWZ-RL Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
More results

同様の説明 - ADV7610BBCZ-P-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com