データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT541CPCX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74ABT541CPCX
部品情報  Octal Buffer/Line Driver with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT541CPCX データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ABT541CPCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 9Page - Fairchild Semiconductor 74ABT541CPCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT541 Rev. 1.4
6
Skew
SOIC package.
Notes:
11. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.)
12. These specifications guaranteed but not tested. The limits represent propagation delays with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load.
13. Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate
outputs of the same device. The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH
(tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-LOW (tOST). The specification is guaranteed
but not tested.
14. This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same
pin. It is measured across all the outputs (drivers) on the same chip, the worst (largest delta) number is the
guaranteed specification. This specification is guaranteed but not tested.
15. Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This
specification is guaranteed but not tested.
Capacitance
Note:
16. COUT is measured at frequency of f = 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(11)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(12)
Units
Max.
Max.
tOSHL
(13)
Pin to Pin Skew, HL Transitions
1.3
2.3
ns
tOSLH
(13)
Pin to Pin Skew, LH Transitions
1.0
1.8
ns
tPS
(14)
Duty Cycle, LH/HL Skew
2.0
3.5
ns
tOST
(13)
Pin to Pin Skew, LH/HL Transitions
2.0
3.5
ns
tPV
(15)
Device to Device Skew, LH/HL
Transitions
2.0
3.5
ns
Symbol
Parameter
Conditions
TA = 25°C
Typ.
Units
CIN
Input Capacitance
VCC = 0.0V
5.0
pF
COUT
(16)
Output Capacitance
VCC = 5.0V
9.0
pF


同様の部品番号 - 74ABT541CPCX

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT541 PHILIPS-74ABT541 Datasheet
101Kb / 11P
   Octal buffer/line driver 3-State
1998 Jan 16
74ABT541 NXP-74ABT541 Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
74ABT541D NXP-74ABT541D Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
74ABT541D PHILIPS-74ABT541D Datasheet
101Kb / 11P
   Octal buffer/line driver 3-State
1998 Jan 16
74ABT541D-T NXP-74ABT541D-T Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
More results

同様の説明 - 74ABT541CPCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com