データシートサーチシステム |
|
74ACQ374SCX データシート(PDF) 2 Page - Fairchild Semiconductor |
|
74ACQ374SCX データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 11 page www.fairchildsemi.com 2 Logic Symbols IEEE/IEC Functional Description The ACQ/ACTQ374 consists of eight edge-triggered flip- flops with individual D-type inputs and 3-STATE true out- puts. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high imped- ance state. Operation of the OE input does not affect the state of the flip-flops. Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance = LOW-to-HIGH Transition Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Inputs Outputs Dn CP OE On H LH L LL XX H Z |
同様の部品番号 - 74ACQ374SCX |
|
同様の説明 - 74ACQ374SCX |