データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF3P03HD データシート(PDF) 4 Page - Motorola, Inc

部品番号 MMSF3P03HD
部品情報  SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3P03HD データシート(HTML) 4 Page - Motorola, Inc

  MMSF3P03HD Datasheet HTML 1Page - Motorola, Inc MMSF3P03HD Datasheet HTML 2Page - Motorola, Inc MMSF3P03HD Datasheet HTML 3Page - Motorola, Inc MMSF3P03HD Datasheet HTML 4Page - Motorola, Inc MMSF3P03HD Datasheet HTML 5Page - Motorola, Inc MMSF3P03HD Datasheet HTML 6Page - Motorola, Inc MMSF3P03HD Datasheet HTML 7Page - Motorola, Inc MMSF3P03HD Datasheet HTML 8Page - Motorola, Inc MMSF3P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMSF3P03HD
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (Volts)
1500
2000
2500
3500
Figure 7. Capacitance Variation
3000
10
0
10
15
20
VGS
VDS
5
5
TJ = 25°C
Ciss
Coss
Crss
1000
500
VDS = 0 V
VGS = 0 V
Ciss
Crss
0
25
30


同様の部品番号 - MMSF3P03HD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMSF3P03HD ONSEMI-MMSF3P03HD Datasheet
273Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF3P03HDR2 ONSEMI-MMSF3P03HDR2 Datasheet
273Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

同様の説明 - MMSF3P03HD

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
   TMOS POWER FET 20 AMPERES 30 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MMSF4P01HD MOTOROLA-MMSF4P01HD Datasheet
297Kb / 10P
   SINGLE TMOS POWER FET 4.0 AMPERES 12 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com