データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5263BRUZ50-REEL7 データシート(PDF) 11 Page - Analog Devices

部品番号 AD5263BRUZ50-REEL7
部品情報  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ50-REEL7 データシート(HTML) 11 Page - Analog Devices

Back Button AD5263BRUZ50-REEL7 Datasheet HTML 7Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 8Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 9Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 10Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 11Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 12Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 13Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 14Page - Analog Devices AD5263BRUZ50-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 11 of 28
–60
0
100k
10k
–42
–30
–6
1k
–12
–18
–24
–36
–48
–54
FREQUENCY (Hz)
0x01
0x02
0x80
0x40
0x20
0x04
0x08
0x10
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5V
Figure 21. Gain vs. Frequency vs. Code; RAB = 200 kΩ
1M
–60
0
100k
10k
–42
–30
–6
1k
–12
–18
–24
–36
–48
–54
R = 50kΩ
150kHz
R = 200kΩ
35kHz
TA = 25°C
VDD/VSS = ±5V
VA = 50mV rms
FREQUENCY (Hz)
R = 20kΩ
300kHz
Figure 22. Gain vs. Frequency at –3 db Bandwidth
1M
0
80
10k
1k
40
20
100
60
100k
CODE = 0x80, VA = VDD, VB = 0V
+PSRR @
VDD/VSS = ±5V DC ± 10% p-p AC
–PSRR @
VDD/VSS = ±5V DC ± 10% p-p AC
FREQUENCY (Hz)
Figure 23. PSRR vs. Frequency
VW
CODE = 0x80
VDD/VSS = ±5.5V
VB/VA= ±5V
CH1 50.0mV
M100ns
A CH2
2.70V
1
Figure 24. Digital Feedthrough
VW
VDD/VSS = 5/0V
VA = 5V
VB = 0V
T
CH1 50.0mV
M2.00µs
T20.00%
A CH2
2.00V
1
Figure 25. Midscale Glitch; Code 0x80 to 0x7F
(4.7 nF Capacitor Used from Wiper to Ground)
VW
VDD/VSS = ±5.5V
VA/VB = ±5V
CS
CH1 5.00V
CH2 5.00V
M400ns
A CH1
2.70V
2
1
Figure 26. Large Signal Settling Time; Code 0x00 to 0xFF


同様の部品番号 - AD5263BRUZ50-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU20-REEL7 AD-AD5263BRU20-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200 AD-AD5263BRU200 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200-REEL7 AD-AD5263BRU200-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU50 AD-AD5263BRU50 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
More results

同様の説明 - AD5263BRUZ50-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com