データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54VCXH162245 データシート(PDF) 8 Page - STMicroelectronics

部品番号 54VCXH162245
部品情報  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162245 データシート(HTML) 8 Page - STMicroelectronics

Back Button 54VCXH162245_11 Datasheet HTML 4Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 5Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 6Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 7Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 8Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 9Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 10Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 11Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
54VCXH162245
8/19
Doc ID 10632 Rev 9
4
Electrical characteristics
2.7 V < VCC < 3.6 V unless otherwise specified.
Table 5.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-55 to 125 °C
Min.
Max.
VIH
High level input voltage
2.7 to 3.6
2.0
V
VIL
Low level input voltage
0.8
VOH
High level output
voltage
(A outputs)
2.7 to 3.6
IO=-100 μAVCC-0.2
V
2.7
IO=-6 mA
2.2
3.0
IO=-8 mA
2.4
IO=-12 mA
2.2
VOH
High level output
voltage
(B outputs)
2.7 to 3.6
IO=-100 μAVCC-0.2
V
2.7
IO=-12 mA
2.2
3.0
IO=-18 mA
2.4
IO=-24 mA
2.2
VOL
Low level output
voltage
(A outputs)
2.7 to 3.6
IO=100 μA0.2
V
2.7
IO=6 mA
0.4
3.0
IO=8 mA
0.55
IO=12 mA
0.8
VOL
Low level output
voltage
(B outputs)
2.7 to 3.6
IO=100 μA0.2
V
2.7
IO=12 mA
0.4
3.0
IO=18 mA
0.4
IO=24 mA
0.55
II
Input leakage current
2.7 to 3.6
VI = 0 to 3.6 V
± 5
μA
II(HOLD) Input hold current
3.0
VI = 0.8 V
75
μA
VI = 2 V
-75
3.6
VI = 0 to 3.6 V
± 500
Ioff
Power off leakage
current
0VI or VO = 0 to 3.6 V
10
μA
IOZ
High impedance output
leakage current
2.7 to 3.6
VI = VIH or VIL
VO = 0 to 3.6 V
± 10
μA
ICC
Quiescent supply
current
2.7 to 3.6
VI = VCC or GND
20
μA
VI or VO = VCC to 3.6 V
± 20
ΔI
CC
ICC incr. per input
2.7 to 3.6
VIH = VCC - 0.6 V
750
μA


同様の部品番号 - 54VCXH162245_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
More results

同様の説明 - 54VCXH162245_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com