データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54VCXH162245 データシート(PDF) 10 Page - STMicroelectronics

部品番号 54VCXH162245
部品情報  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162245 データシート(HTML) 10 Page - STMicroelectronics

Back Button 54VCXH162245_11 Datasheet HTML 6Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 7Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 8Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 9Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 10Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 11Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 12Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 13Page - STMicroelectronics 54VCXH162245_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
54VCXH162245
10/19
Doc ID 10632 Rev 9
TA = 25 °C, Input tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω
Table 7.
Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic peak low voltage
quiet output (1) (2) (A to B)
1.
Number of outputs defined as “n”. Measured with “n-1” outputs switching from HIGH to LOW or LOW to
HIGH. The remaining output is measured in the LOW state.
2.
Parameters guaranteed by design.
2.5
VIL = 0V
VIH = VCC
-0.6
-
V
3.3
-
0.8
-
VOLP
Dynamic peak low voltage
quiet output (1) (2) (B to A)
2.5
VIL = 0V
VIH = VCC
-0.25-
V
3.3
-
0.35
-
VOLV
Dynamic valley low voltage
quiet output (1) (2) (A to B)
2.5
VIL = 0V
VIH = VCC
--0.6-
V
3.3
-
-0.8
-
VOLV
Dynamic valley low voltage
quiet output (1) (2) (B to A)
2.5
VIL = 0V
VIH = VCC
-
-0.25
-
V
3.3
-
-0.35
-
VOHV
Dynamic valley high voltage
quiet output (2) (3) (A to B)
3.
Number of outputs defined as “n”. Measured with “n-1” outputs switching from HIGH to LOW or LOW to
HIGH. The remaining output is measured in the HIGH state.
2.5
VIL = 0V
VIH = VCC
-1.9
-
V
3.3
-
2.2
-
VOHV
Dynamic valley high voltage
quiet output (2) (3) (B to A)
2.5
VIL = 0V
VIH = VCC
-2.05-
V
3.3
-
2.65
-


同様の部品番号 - 54VCXH162245_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
More results

同様の説明 - 54VCXH162245_11

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com