データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54VCXHR162245 データシート(PDF) 2 Page - STMicroelectronics

部品番号 54VCXHR162245
部品情報  Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXHR162245 データシート(HTML) 2 Page - STMicroelectronics

  54VCXHR162245 Datasheet HTML 1Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 2Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 3Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 4Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 5Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 6Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 7Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 8Page - STMicroelectronics 54VCXHR162245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
54VCXHR162245
2/18
Doc ID 10651 Rev 8
Contents
1
Logic symbols and I/O equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.3
Truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
5
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
6
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8
Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


同様の部品番号 - 54VCXHR162245

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
More results

同様の説明 - 54VCXHR162245

メーカー部品番号データシート部品情報
logo
STMicroelectronics
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_07 Datasheet
495Kb / 17P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245 Datasheet
505Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
54VCXH162373 STMICROELECTRONICS-54VCXH162373_11 Datasheet
506Kb / 18P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com