データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACTQ16373MTD データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74ACTQ16373MTD
部品情報  16-Bit Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16373MTD データシート(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ16373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16373MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Extended AC Electrical Characteristics
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 10: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 12: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 13: The Output Disable Time is dominated by the RC Network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST).
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.1
5.3
7.9
3.1
8.4
ns
tPHL
Dn to On
2.6
4.6
7.3
2.6
7.8
tPLH
Propagation Delay
5.0
3.1
5.4
7.9
3.2
8.4
ns
tPHL
LE to On
2.8
4.9
7.3
2.8
7.8
tPZH
Output Enable
5.0
2.5
4.7
7.4
2.5
7.9
ns
tPZL
Delay
2.7
4.8
7.5
2.7
8.0
tPHZ
Output Disable
5.0
2.1
5.1
7.9
2.1
8.2
ns
tPLZ
Delay
2.0
4.5
7.4
2.0
7.9
Symbol
Parameter
VCC
(V)
(Note 9)
TA = −40°C to +85°CTA = −40°C to +85°C
Units
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 11)
(Note 10)
Min
Max
Min
Max
tPLH
Propagation Delay
5.0V
4.7
12.7
6.6
15.7
ns
tPHL
Data to Output
4.6
10.6
6.4
14.5
tPLH
Propagation Delay
5.0V
4.6
13.3
6.3
15.3
ns
tPHL
Latch Enable to Output
4.1
10.4
5.8
13.6
tPZH
Output Enable
5.0V
3.5
10.4
(Note 12)
ns
tPZL
Time
3.6
10.9
tPHZ
Output Disable
5.0V
3.4
8.5
(Note 13)
ns
tPLZ
Time
3.1
8.1
tOSHL
Pin to Pin Skew
5.0V
1.3
ns
(Note 14)
HL Data to Output
tOSLH
Pin to Pin Skew
5.0V
2.1
ns
(Note 14)
LH Data to Output
tOST
Pin to Pin Skew
5.0V
4.0
ns
(Note 14)
LH/HL Data to Output


同様の部品番号 - 74ACTQ16373MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ16373MTD FAIRCHILD-74ACTQ16373MTD Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
More results

同様の説明 - 74ACTQ16373MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com