データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12L データシート(PDF) 1 Page - HY ELECTRONIC CORP.

部品番号 SS12L
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS12L データシート(HTML) 1 Page - HY ELECTRONIC CORP.

  SS12L Datasheet HTML 1Page - HY ELECTRONIC CORP. SS12L Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
●Case: JEDEC SOD-123FL molded plastic
body over passivated chip
●Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●Polarity: Laser band denotes cathode end
● Weight: 0.017gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
SS12L
SS13L
SS14L
SS15L
SS16L
SS18L
SS110L
MARKING
S12L
S13L
S14L
S15L
S16L
S18L
S110L
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=100℃
Thermal resistance from junction to ambient (Note1)
RθJA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
REV. 1, 30-Dec-2011
CHARACTERISTICS
UNIT
I(AV)
1.0
A
~ 200 ~
-55 to + 150
-55 to + 150
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35
μm thick)
88
0.55
0.70
0.85
mA
IFSM
30
IR
A
1.0
10
Dimensions in inches and (millimeters)
SS12L thru SS110L
SURFACE MOUNT
REVERSE VOLTAGE - 20 to 100 Volts
SCHOTTKY BARRIER RECTIFIERS
FORWARD CURRENT - 1.0 Ampere
SOD-123FL
.002(0.05)
.010(0.25)
.138(3.5)
.154(3.9)
.047(1.2)
.031(0.8)
.043(1.1)
.020(0.5)
.004(0.1)max
.024(0.6)
.039(1.0)
.098(2.5)
.114(2.9)


同様の部品番号 - SS12L

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
50Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
HY ELECTRONIC CORP.
SS12L HY-SS12L Datasheet
408Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Silicon Standard Corp.
SS12L SSC-SS12L Datasheet
232Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
   LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
545Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SS12L

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com