データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F112 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74F112
部品情報  Dual JK Negative Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F112 データシート(HTML) 4 Page - Fairchild Semiconductor

  74F112 Datasheet HTML 1Page - Fairchild Semiconductor 74F112 Datasheet HTML 2Page - Fairchild Semiconductor 74F112 Datasheet HTML 3Page - Fairchild Semiconductor 74F112 Datasheet HTML 4Page - Fairchild Semiconductor 74F112 Datasheet HTML 5Page - Fairchild Semiconductor 74F112 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
85
105
80
MHz
tPLH
Propagation Delay
2.0
5.0
6.5
2.0
7.5
ns
tPHL
CPn to Qn or Qn
2.0
5.0
6.5
2.0
7.5
tPLH
Propagation Delay
2.0
4.5
6.5
2.0
7.5
ns
tPHL
CDn, SDn to Qn, Qn
2.0
4.5
6.5
2.0
7.5
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.0
5.0
ns
tS(L)
Jn or Kn to CPn
3.0
3.5
tH(H)
Hold Time, HIGH or LOW
0
0
tH(L)
Jn or Kn to CPn
00
tW(H)
CP Pulse Width
4.5
5.0
ns
tW(L)
HIGH or LOW
4.5
5.0
tW(L)
Pulse Width, LOW
4.5
5.0
ns
CDn or SDn
tREC
Recovery Time
4.0
5.0
ns
SDn, CDn to CP


同様の部品番号 - 74F112

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112PC FAIRCHILD-74F112PC Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112SC FAIRCHILD-74F112SC Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
74F112SJ FAIRCHILD-74F112SJ Datasheet
83Kb / 7P
   Dual JK Negative Edge-Triggered Flip-Flop
More results

同様の説明 - 74F112

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN74LS113A MOTOROLA-SN74LS113A Datasheet
88Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com