データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F160A データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74F160A
部品情報  Synchronous Presettable BCD Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F160A データシート(HTML) 4 Page - Fairchild Semiconductor

  74F160A Datasheet HTML 1Page - Fairchild Semiconductor 74F160A Datasheet HTML 2Page - Fairchild Semiconductor 74F160A Datasheet HTML 3Page - Fairchild Semiconductor 74F160A Datasheet HTML 4Page - Fairchild Semiconductor 74F160A Datasheet HTML 5Page - Fairchild Semiconductor 74F160A Datasheet HTML 6Page - Fairchild Semiconductor 74F160A Datasheet HTML 7Page - Fairchild Semiconductor 74F160A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW
−0.6
mA
Max
VIN = 0.5V (CP, CEP,Pn, MR (F160A))
Current
−1.2
mA
Max
VIN = 0.5V (CET, SR (F162A), PE)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICC
Power Supply Current
37
55
mA
Max
VO = HIGH


同様の部品番号 - 74F160A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F1604 PHILIPS-74F1604 Datasheet
92Kb / 10P
   Latch
1990 Oct 04
More results

同様の説明 - 74F160A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com