データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F164APC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74F164APC
部品情報  Serial-In, Parallel-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F164APC データシート(HTML) 1 Page - Fairchild Semiconductor

  74F164APC Datasheet HTML 1Page - Fairchild Semiconductor 74F164APC Datasheet HTML 2Page - Fairchild Semiconductor 74F164APC Datasheet HTML 3Page - Fairchild Semiconductor 74F164APC Datasheet HTML 4Page - Fairchild Semiconductor 74F164APC Datasheet HTML 5Page - Fairchild Semiconductor 74F164APC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010613
www.fairchildsemi.com
October 1989
Revised August 1999
74F164A
Serial-In, Parallel-Out Shift Register
General Description
The 74F164A is a high-speed 8-bit serial-in/parallel-out
shift register. Serial data is entered through a 2-input AND
gate synchronous with the LOW-to-HIGH transition of the
clock. The device features an asynchronous Master Reset
which clears the register, setting all outputs LOW indepen-
dent of the clock. The 74F164A is a faster version of the
74F164.
Features
s Typical shift frequency of 90 MHz
s Asynchronous Master Reset
s Gated serial data input
s Fully synchronous data transfers
s 74F164A is a faster version of the 74F164
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F164ASC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F164ASJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F164APC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - 74F164APC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F164APC NSC-74F164APC Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164APC FAIRCHILD-74F164APC Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
More results

同様の説明 - 74F164APC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164_15 Datasheet
151Kb / 11P
   Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Texas Instruments
54F164A TI1-54F164A Datasheet
200Kb / 10P
[Old version datasheet]   54F164A Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com