データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F175SJ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F175SJ
部品情報  Quad D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F175SJ データシート(HTML) 2 Page - Fairchild Semiconductor

  74F175SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F175SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F175 consists of four edge-triggered D-type flip-
flops with individual D inputs and Q and Q outputs. The
Clock and Master Reset are common. The four flip-flops
will store the state of their individual D inputs on the
LOW-to-HIGH clock (CP) transition, causing individual Q
and Q outputs to follow. A LOW input on the Master Reset
(MR) will force all Q outputs LOW and Q outputs HIGH
independent of Clock or Data inputs. The 74F175 is useful
for general logic applications where a common Master
Reset and Clock are acceptable.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Clock Transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D3
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
MR
Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Q0–Q3
True Outputs
50/33.3
−1 mA/20 mA
Q0–Q3
Complement Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
MR
CP
Dn
Qn
Qn
LX
X
L
H
H

HH
L
H

LL
H


同様の部品番号 - 74F175SJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
74F175 TI-74F175 Datasheet
359Kb / 12P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
74F175AD PHILIPS-74F175AD Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
74F175AN PHILIPS-74F175AN Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
More results

同様の説明 - 74F175SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com