データシートサーチシステム |
|
ILCX20-BG0F18-20.000 データシート(PDF) 2 Page - ILSI America LLC |
|
ILCX20-BG0F18-20.000 データシート(HTML) 2 Page - ILSI America LLC |
2 / 2 page 4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm ILCX20 Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 05/24/12 Specifications subject to change without notice Page 2 Pb Free Solder Reflow Profile: Typical Circuit: *Units are backward compatible with 240C reflow processes Package Information: MSL = 1 Termination = e4 (Au over Ni over W base metal). Tape and Reel Information: Environmental Specifications Thermal Shock MIL-STD-883, Method 1011, Condition A Moisture Resistance MIL-STD-883, Method 1004 Mechanical Shock MIL-STD-883, Method 2002, Condition B Mechanical Vibration MIL-STD-883, Method 2007, Condition A Resistance to Soldering Heat J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max) Hazardous Substance Pb-Free / RoHS / Green Compliant Solderability JESD22-B102-D Method 2 (Preconditioning E) Terminal Strength MIL-STD-883, Method 2004, Test Condition D Gross Leak MIL-STD-883, Method 1014, Condition C Fine Leak MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s Solvent Resistance MIL-STD-202, Method 215 Marking Line 1: I, Date Code (yww) Quantity per Reel 3000 A 8 +/-.3 B 4 +/-.2 C 3.5 +/-.2 D 9 +/-1 or 12 +/-3 E 60 / 80 F 180 |
同様の部品番号 - ILCX20-BG0F18-20.000 |
|
同様の説明 - ILCX20-BG0F18-20.000 |