データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX74M データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LCX74M
部品情報  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX74M データシート(HTML) 1 Page - Fairchild Semiconductor

  74LCX74M Datasheet HTML 1Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 2Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 7Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 8Page - Fairchild Semiconductor 74LCX74M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012414
www.fairchildsemi.com
March 1995
Revised February 2005
74LCX74
Low Voltage Dual D-Type Positive
Edge-Triggered Flip-Flop with 5V Tolerant Inputs
General Description
The LCX74 is a dual D-type flip-flop with Asynchronous
Clear and Set inputs and complementary (Q, Q) outputs.
Information at the input is transferred to the outputs on the
positive edge of the clock pulse. After the Clock Pulse input
threshold voltage has been passed, the Data input is
locked out and information present will not be transferred to
the outputs until the next rising edge of the Clock Pulse
input.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes both Q and
Q HIGH
Features
s 5V tolerant inputs
s 2.3V–3.6V VCC specifications provided
s 7.0 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power down high impedance inputs and outputs
s
r24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Note 2: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LCX74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX74MX_NL
(Note 2)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX74SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX74BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX74MTCX_NL
(Note 2)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


同様の部品番号 - 74LCX74M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX74M FAIRCHILD-74LCX74M Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LCX74M ONSEMI-74LCX74M Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX74MTC FAIRCHILD-74LCX74MTC Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LCX74MTC ONSEMI-74LCX74MTC Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX74MTCX FAIRCHILD-74LCX74MTCX Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
More results

同様の説明 - 74LCX74M

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
   LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX74MTCX FAIRCHILD-74LCX74MTCX Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX74 FAIRCHILD-74LCX74_08 Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
   Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112MTCX FAIRCHILD-74LCX112MTCX Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com