データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX74BQX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74LCX74BQX
部品情報  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX74BQX データシート(HTML) 3 Page - Fairchild Semiconductor

  74LCX74BQX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX74BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating Conditions (Note 4)
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 7.0
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to VCC  0.5
Output in HIGH or LOW State (Note 4)
V
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
50
VO ! VCC
IO
DC Output Source/Sink Current
r50
mA
ICC
DC Supply Current per Supply Pin
r100
mA
IGND
DC Ground Current per Ground Pin
r100
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
IOH/IOL
Output Current
VCC 3.0V  3.6V
r24
mA
VCC 2.7V  3.0V
r12
VCC 2.3V  2.7V
r8
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
 2.7
1.7
V
2.7
 3.6
2.0
VIL
LOW Level Input Voltage
2.3
 2.7
0.7
V
2.3
 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100PA2.3  3.6
VCC - 0.2
IOH = -8 mA
2.3
1.8
V
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL 100PA2.3  3.6
0.2
IOL = 8mA
2.3
0.6
IOL 12 mA
2.7
0.4
V
IOL 16 mA
3.0
0.4
IOL 24 mA
3.0
0.55
II
Input Leakage Current
0
d VI d 5.5V
2.3
 3.6
r5.0
PA
IOFF
Power-Off Leakage Current
VI or VO 5.5V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
10
PA
3.6V
d VI d 5.5V
2.3
 3.6
r10
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA


同様の部品番号 - 74LCX74BQX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX74BQX FAIRCHILD-74LCX74BQX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LCX74BQX ONSEMI-74LCX74BQX Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
More results

同様の説明 - 74LCX74BQX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
   LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX74MTCX FAIRCHILD-74LCX74MTCX Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX74 FAIRCHILD-74LCX74_08 Datasheet
826Kb / 13P
   74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
   Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112MTCX FAIRCHILD-74LCX112MTCX Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com