データシートサーチシステム |
|
74LCXH16374MEA データシート(PDF) 5 Page - Fairchild Semiconductor |
|
74LCXH16374MEA データシート(HTML) 5 Page - Fairchild Semiconductor |
5 / 10 page 5 www.fairchildsemi.com DC Electrical Characteristics (Continued) Note 6: Outputs disabled or 3-STATE only. Note 7: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 8: An external driver must sink at least the specified current to switch from HIGH-to-LOW. AC Electrical Characteristics Note 9: Skew is defined as the absolute value of the differences between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design. Dynamic Switching Characteristics Capacitance Symbol Parameter Conditions VCC TA = −40°C to +85°C Units (V) Min Max II(HOLD) Bushold Input Minimum VIN = 0.7V 2.3 45 µA Drive Hold Current VIN = 1.7V −45 VIN = 0.8V 3.0 75 VIN = 2.0V −75 II(OD) Bushold Input Over-Drive (Note 7) 2.7 300 µA Current to Change State (Note 8) −300 (Note 7) 3.6 450 (Note 8) −450 IOZ 3-STATE Output Leakage 0 ≤ V O ≤ 5.5V 2.3 − 3.6 ±5.0 µA IOFF Power-Off Leakage Current VO = VCC 010 µA ICC Quiescent Supply Current VI = VCC or GND 2.3 − 3.6 20 µA 3.6V ≤ V O ≤ 5.5V (Note 6) 2.3 − 3.6 ±20 ∆I CC Increase in ICC per Input VIH = VCC −0.6V 2.3 − 3.6 500 µA Symbol Parameter TA = −40° to +85°C, RL = 500Ω Units VCC = 3.3V ± 0.3V VCC = 2.7V VCC = 2.5V ± 0.2V CL = 50 pF CL = 50 pF CL = 30 pF Min Max Min Max Min Max fMAX Maximum Clock Frequency 170 MHz tPHL Propagation Delay 1.5 6.2 1.5 6.5 1.5 7.4 ns tPLH CP to On 1.5 6.2 1.5 6.5 1.5 7.4 tPZL Output Enable time 1.5 6.1 1.5 6.3 1.5 7.9 ns tPZH 1.5 6.1 1.5 6.3 1.5 7.9 tPLZ Output Disable Time 1.5 6.0 1.5 6.2 1.5 7.2 ns tPHZ 1.5 6.0 1.5 6.2 1.5 7.2 tS Setup Time 2.5 2.5 3.0 ns tH Hold Time 1.5 1.5 2.0 ns tW Pulse Width 3.0 3.0 3.5 ns tOSHL Output to Output Skew (Note 9) 1.0 ns tOSLH 1.0 Symbol Parameter Conditions VCC TA = 25°C Units (V) Typical VOLP Quiet Output Dynamic Peak VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 3.3 0.8 V CL = 30 pF, VIH = 2.5V, VIL = 0V 2.5 0.6 VOLV Quiet Output Dynamic Valley VOL CL = 50 pF, VIH = 3.3V, VIL = 0V 3.3 −0.8 V CL = 30 pF, VIH = 2.5V, VIL = 0V 2.5 0.6 Symbol Parameter Conditions Typical Units CIN Input Capacitance VCC = Open, VI = 0V or VCC 7pF COUT Output Capacitance VCC = 3.3V, VI = 0V or VCC 8pF CPD Power Dissipation Capacitance VCC = 3.3V, VI = 0V or VCC, f = 10 MHz 20 pF |
同様の部品番号 - 74LCXH16374MEA |
|
同様の説明 - 74LCXH16374MEA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |