データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCXH32245G データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74LCXH32245G
部品情報  Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH32245G データシート(HTML) 5 Page - Fairchild Semiconductor

  74LCXH32245G Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH32245G Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 8: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 9: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
Drive Hold Current
VIN = 1.7V
-45
VIN = 0.8V
3.0
75
VIN = 2.0V
−75
II(OD)
Bushold Input Over-Drive
(Note 7)
2.7
300
µA
Current to Change State
(Note 8)
−300
(Note 7)
3.6
450
(Note 8)
−450
IOZ
3-STATE I/O Leakage
0
≤ V
O ≤ 5.5V
2.3
− 3.6
±5.0
µA
VI = VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–3.6
20
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 9)
2.3–3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3–3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
4.5
1.0
5.2
1.0
5.4
ns
tPLH
An to Bn or Bn to An
1.0
4.5
1.0
5.2
1.0
5.4
tPZL
Output Enable Time
1.0
6.5
1.0
7.2
1.0
8.5
ns
tPZH
1.0
6.5
1.0
7.2
1.0
8.5
tPLZ
Output Disable Time
1.0
6.4
1.0
6.9
1.0
7.7
ns
tPHZ
1.0
6.4
1.0
6.9
1.0
7.7
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


同様の部品番号 - 74LCXH32245G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
STMicroelectronics
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
logo
ON Semiconductor
74LCXH162244 ONSEMI-74LCXH162244 Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEA FAIRCHILD-74LCXH162244MEA Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244MEA ONSEMI-74LCXH162244MEA Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

同様の説明 - 74LCXH32245G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com