データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCXP16245 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74LCXP16245
部品情報  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXP16245 データシート(HTML) 2 Page - Fairchild Semiconductor

  74LCXP16245 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXP16245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Note 2: A and B port inputs are still active.
Functional Descriptions
The LCXP16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs. the device is byte con-
trolled. Each byte has separate control inputs which can be
shorted together for full 16-bit operation. The T/R inputs
determine the direction of data flow through the device.
The OE inputs disable both the A and B ports by placing
them in a high impedance state. The pulldown resistor
(30K
Ω normal) to GND is active only when the outputs are
3-STATED (OE
= HIGH). When the outputs become active
(OE
= LOW) the resistor is removed from the circuit.
Logic Diagram
Inputs
Outputs
OE1
T/R1
L
L
Bus B0–B7 Data to Bus A0–A7
L
H
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH Z State on A0–A7, B0–B7 (Note 2)
Inputs
Outputs
OE2
T/R2
L
L
Bus B8–B15 Data to Bus A8–A15
L
H
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH Z State on A8–A15, B8–B15 (Note 2)


同様の部品番号 - 74LCXP16245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
logo
ON Semiconductor
74LCXP16245 ONSEMI-74LCXP16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LCXP16245MEA FAIRCHILD-74LCXP16245MEA Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
logo
ON Semiconductor
74LCXP16245MEA ONSEMI-74LCXP16245MEA Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LCXP16245MTD FAIRCHILD-74LCXP16245MTD Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
More results

同様の説明 - 74LCXP16245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com