データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28022FRZ-TR5453 データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28022FRZ-TR5453
部品情報  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZ-TR5453 データシート(HTML) 5 Page - Intersil Corporation

  ISL28022FRZ-TR5453 Datasheet HTML 1Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 2Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 3Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 4Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 5Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 6Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 7Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 8Page - Intersil Corporation ISL28022FRZ-TR5453 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISL28022
5
FN8386.1
April 26, 2013
Absolute Maximum Ratings
Thermal Information
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.0V
VBUS Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..63V
Common Mode Input Voltage (VINP, VINM) . . . . . . . . . . . . . . . . . . . . . . . 63V
Differential Input Voltage (VINP, VINM) . . . . . . . . . . . . . . . . . . . . . . . . . .±63V
Input Voltage (Digital Pins) . . . . . . . . . . . . . . . . . . . . . . . . .GND-0.3V to 5.5V
Output Voltage (Digital Pins) . . . . . . . . . . . . . . . . . . . . GND-0.3 to VCC+0.3V
Open Drain Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Open Drain Voltage (Interrupt) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.0kV
Latch up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V @ + 125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld QFN (Notes 5, 6) . . . . . . . . . . . . . . . .
52
6.5
10 Ld MSOP (Notes 7, 8) . . . . . . . . . . . . . . .
150
55
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications TA =+25°C,VCC=3.3,VINP= VBUS = 12V, VSENSE= VINP-VINM= 32mV,unless otherwise specified. All voltages
with respect to GND pin.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT
INPUTS
VSENSEDIFF
Useful Full Scale Current Sense
Differential Voltage Range (VINP-VINM)
PGA Gain = /1
0
±40
mV
PGA Gain = /2
0
±80
mV
PGA Gain = /4
0
±160
mV
PGA Gain = /8
0
±300
mV
VSHUNT_step
LSB Step Size, Shunt Voltage
10
µV
VCMSENSE
Current Sense Common Mode
(VINP, VINM)
0VBUS
V
VOS
VSENSE Offset Voltage
PGA Gain = /1, /2, /4, /8;
ADC Setting = 1111
±10
±75
µV
VOSTC
VSENSE Offset Voltage Temperature
Coefficient
0.15
µV/°C
CMRR
VSENSE VOS vs Common Mode
VBUS = 0 to 60V; BRNG = 2, 3
110
130
dB
PSRR
VSENSE VOS vs Power Supply
VCC = 3V to 5V
105
dB
ACS
Current Sense Gain Error
±40
m%
ACSTC
Current Sense Gain Error Temperature
Coefficient
±1
m%/°C
IVINACT
Input Leakage, VIN Pins
Active Mode
(for both VINP and VINM pins)
±20
µA
IVINACT
Input Leakage, VIN Pins
Power Down Mode
(for both VINP and VINM pins)
±0.1
±0.5
µA


同様の部品番号 - ISL28022FRZ-TR5453

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

同様の説明 - ISL28022FRZ-TR5453

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com