データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW04-10 データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 BZW04-10
部品情報  400 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-10 データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BZW04-10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering information
DO-41
52mm
A0
DO-41
26mm
A1
DO-41
52mm
R0
DO-41
52mm
R1
DO-41
B0
AB
Z
T
E
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-41
5
26
1.2
6
0.8
1
330
85.7
16.6
76
DO-41
5
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
5.1
0.8
3.0
1.2
3K / AMMO box
A1G
Note: "xx" is Device Code from "5V8" thru "376".
AXIAL LEAD TAPING SPECIFICATIONS
Outline
Suggested Mounting Hole Rule
Unit(mm)
BZW04-xx
3K / AMMO box
A0G
5K / 13" Reel
R0G
5K / 13" Reel
R1G
1K / Bulk packing
B0G
Part No.
Package
Packing
INNER
TAPE
Packing
code
Packing code
(Green)


同様の部品番号 - BZW04-10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW04-10 STMICROELECTRONICS-BZW04-10 Datasheet
130Kb / 6P
   TRANSIL
logo
Taiwan Semiconductor Co...
BZW04-10 TSC-BZW04-10 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04-10 MDE-BZW04-10 Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
BZW04-10 EIC-BZW04-10 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-10 VISHAY-BZW04-10 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
More results

同様の説明 - BZW04-10

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500 LUGUANG-P4KE500 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com