データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM055C105KAN120 データシート(PDF) 8 Page - AVX Corporation

部品番号 SM055C105KAN120
部品情報  Technical Information on SMPS Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

SM055C105KAN120 データシート(HTML) 8 Page - AVX Corporation

Back Button SM055C105KAN120 Datasheet HTML 4Page - AVX Corporation SM055C105KAN120 Datasheet HTML 5Page - AVX Corporation SM055C105KAN120 Datasheet HTML 6Page - AVX Corporation SM055C105KAN120 Datasheet HTML 7Page - AVX Corporation SM055C105KAN120 Datasheet HTML 8Page - AVX Corporation SM055C105KAN120 Datasheet HTML 9Page - AVX Corporation SM055C105KAN120 Datasheet HTML 10Page - AVX Corporation SM055C105KAN120 Datasheet HTML 11Page - AVX Corporation SM055C105KAN120 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
15
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470
MIL-PRF-49470
AVX PART NUMBER
Capacitance
Case
Lead
PIN 1/
(for reference only)
μF
Tolerance
Characteristic
Code
Configuration
2/
25V
-49470X0-155-Z-
SM-53C155-H-270
1.5
K, M
BX
5
N, L, M, J, K
-49470X0-185-Z-
SM-53C185-H-270
1.8
K, M
BX
5
N, L, M, J, K
-49470X0-225-Z-
SM-53C225-H-270
2.2
K, M
BX
5
N, L, M, J, K
-49470X0-275-Z-
SM-53C275-H-390
2.7
K, M
BX
5
N, L, M, J, K
-49470X0-335-Z-
SM-53C335-H-390
3.3
K, M
BX
5
N, L, M, J, K
-49470X0-395-Z-
SM-53C395-H-390
3.9
K, M
BX
5
N, L, M, J, K
-49470X0-475-Z-
SM-53C475-H-390
4.7
K, M
BX
5
N, L, M, J, K
-49470X0-565-Z-
SM-53C565-H-530
5.6
K, M
BX
5
N, L, M, J, K
-49470X0-685-Z-
SM-53C685-H-530
6.8
K, M
BX
5
N, L, M, J, K
-49470X0-685-Z-
SM-43C685-H-270
6.8
K, M
BX
4
A, B, D, C, F
-49470X0-825-Z-
SM-53C825-H-660
8.2
K, M
BX
5
N, L, M, J, K
-49470X0-825-Z-
SM-43C825-H-390
8.2
K, M
BX
4
A, B, D, C, F
-49470X0-106-Z-
SM-53C106-H-800
10
K, M
BX
5
N, L, M, J, K
-49470X0-106-Z-
SM-43C106-H-390
10
K, M
BX
4
A, B, D, C, F
-49470X0-126-Z-
SM-43C126-H-390
12
K, M
BX
4
N, L, M, J, K
-49470X0-156-Z-
SM-43C156-H-530
15
K, M
BX
4
N, L, M, J, K
-49470X0-156-Z-
SM-33C156-H-270
15
K, M
BX
3
A, B, D, C, F
-49470X0-186-Z-
SM-43C186-H-530
18
K, M
BX
4
N, L, M, J, K
-49470X0-186-Z-
SM-33C186-H-270
18
K, M
BX
3
A, B, D, C, F
-49470X0-226-Z-
SM-43C226-H-660
22
K, M
BX
4
N, L, M, J, K
-49470X0-226-Z-
SM-33C226-H-390
22
K, M
BX
3
A, B, D, C, F
-49470X0-276-Z-
SM-43C276-H-660
27
K, M
BX
4
N, L, M, J, K
-49470X0-276-Z-
SM-33C276-H-390
27
K, M
BX
3
A, B, D, C, F
-49470X0-336-Z-
SM-43C336-H-800
33
K, M
BX
4
N, L, M, J, K
-49470X0-336-Z-
SM-33C336-H-390
33
K, M
BX
3
A, B, D, C, F
-49470X0-396-Z-
SM-33C396-H-530
39
K, M
BX
3
N, L, M, J, K
-49470X0-396-Z-
SM-13C396-H-390
39
K, M
BX
1
A, B, D, C, F
-49470X0-476-Z-
SM-33C476-H-660
47
K, M
BX
3
N, L, M, J, K
-49470X0-476-Z-
SM-13C476-H-530
47
K, M
BX
1
A, B, D, C, F
-49470X0-566-Z-
SM-33C566-H-660
56
K, M
BX
3
N, L, M, J, K
-49470X0-566-Z-
SM-13C566-H-530
56
K, M
BX
1
A, B, D, C, F
-49470X0-686-Z-
SM-33C686-H-660
68
K, M
BX
3
N, L, M, J, K
-49470X0-686-Z-
SM-13C686-H-530
68
K, M
BX
1
A, B, D, C, F
-49470X0-826-Z-
SM-33C826-H-800
82
K, M
BX
3
N, L, M, J, K
-49470X0-826-Z-
SM-13C826-H-530
82
K, M
BX
1
A, B, D, C, F
-49470X0-107-Z-
SM-13C107-H-660
100
K, M
BX
1
N, L, M, J, K
-49470X0-107-Z-
SM-23C107-H-530
100
K, M
BX
2
A, B, D, C, F
-49470X0-127-Z-
SM-13C127-H-800
120
K, M
BX
1
N, L, M, J, K
-49470X0-127-Z-
SM-23C127-H-530
120
K, M
BX
2
A, B, D, C, F
-49470X0-157-Z-
SM-23C157-H-660
150
K, M
BX
2
N, L, M, J, K
-49470X0-157-Z-
SM-63C157-H-390
150
K, M
BX
6
A, B, D, C, F
-49470X0-187-Z-
SM-23C187-H-800
180
K, M
BX
2
N, L, M, J, K
-49470X0-187-Z-
SM-63C187-H-530
180
K, M
BX
6
A, B, D, C, F
-49470X0-227-Z-
SM-63C227-H-530
220
K, M
BX
6
N, L, M, J, K
-49470X0-277-Z-
SM-63C277-H-660
270
K, M
BX
6
N, L, M, J, K
-49470X0-337-Z-
SM-63C337-H-800
330
K, M
BX
6
N, L, M, J, K
-49470X0-397-Z-
SM-63C397-H-800
390
K, M
BX
6
N, L, M, J, K
50V
-49470X0-105-A-
SM-55C105-H-120
1
K, M
BX
5
N, L, M, J, K
-49470X0-125-A-
SM-55C125-H-120
1.2
K, M
BX
5
N, L, M, J, K
-49470X0-155-A-
SM-55C155-H-240
1.5
K, M
BX
5
N, L, M, J, K
-49470X0-185-A-
SM-55C185-H-240
1.8
K, M
BX
5
N, L, M, J, K
-49470X0-225-A-
SM-55C225-H-240
2.2
K, M
BX
5
N, L, M, J, K
-49470X0-275-A-
SM-55C275-H-360
2.7
K, M
BX
5
N, L, M, J, K
-49470X0-335-A-
SM-55C335-H-360
3.3
K, M
BX
5
N, L, M, J, K
-49470X0-395-A-
SM-55C395-H-480
3.9
K, M
BX
5
N, L, M, J, K
1/ Complete PIN shall include additional symbols replacing dashes (from left to right): product level (M for B level, or T for T level), part style (1 for unencapsulated, 2 for
encapsulated), capacitance tolerance, lead configuration
2/ Complete AVX Part Number (provided for reference only) shall include additional symbols replacing dashes (from left to right): part style (0 for unencapsulated and
9 for encapsulated), capacitance tolerance, lead configuration


同様の部品番号 - SM055C105KAN120

メーカー部品番号データシート部品情報
logo
AVX Corporation
SM055C105KHN120 AVX-SM055C105KHN120 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
More results

同様の説明 - SM055C105KAN120

メーカー部品番号データシート部品情報
logo
AVX Corporation
SM91 AVX-SM91 Datasheet
80Kb / 3P
   SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
logo
Omron Electronics LLC
G3VM-6 OMRON-G3VM-6 Datasheet
183Kb / 6P
   Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com