データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ245QSC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVQ245QSC
部品情報  Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ245QSC データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVQ245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ245QSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ245
Low Voltage Octal Bidirectional Transceiver with
3-STATE Outputs
General Description
The LVQ245 contains eight non-inverting bidirectional buff-
ers with 3-STATE outputs and is intended for bus-oriented
applications. Current sinking capability is 12 mA at both the A
and B ports. The Transmit/Receive (T/R) input determines
the direction of data flow through the bidirectional trans-
ceiver. Transmit (active-HIGH) enables data from A ports to
B ports; Receive (active-LOW) enables data from B ports to
A ports. The Output Enable input, when HIGH, disables both
A and B ports by placing them in a HIGH Z condition.
Features
n
Ideal for low power/low noise 3.3V applications
n
Implements patented EMI reduction circuitry
n
Available in SOIC JEDEC, SOIC EIAJ and QSOP
packages
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Improved latch-up immunity
n
Guaranteed incident wave switching into 75
n
4 kV minimum ESD immunity
Ordering Code
Order Number
Package Number
Package Description
74LVQ245SC
M20B
20-Lead (0.300" Wide) Small Outline Package, SOIC JEDEC
74LVQ245SJ
M20D
20-Lead Molded Shrink Small Outline Package, SOIC EIAJ
74LVQ245QSC
MQA20
20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SSOP JEDEC
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
DS011357-1
IEEE/IEC
DS011357-2
Pin Assignment for
SOIC and QSOP
DS011357-3
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011357
www.fairchildsemi.com


同様の部品番号 - 74LVQ245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ245QSC FAIRCHILD-74LVQ245QSC Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

同様の説明 - 74LVQ245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com