データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5779-E データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA5779-E
部品情報  Switching Regulator (Variable Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5779-E データシート(HTML) 1 Page - Sanyo Semicon Device

  LA5779-E Datasheet HTML 1Page - Sanyo Semicon Device LA5779-E Datasheet HTML 2Page - Sanyo Semicon Device LA5779-E Datasheet HTML 3Page - Sanyo Semicon Device LA5779-E Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
62707 MS PC 20070619-S00001 / N1306 MS PC 20060606-S00001 No.A0476-1/4
LA5779
Overview
The LA5779 is a Separately-excited step-down switching regulator (variable type).
Functions
• High efficiency.
• Six external parts.
• Time-base generator (160kHz) incorporated.
• Current limiter incorporated.
• Thermal shutdown circuit incorporated.
• ON/OFF function.
Specifications
Absolute
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Input voltage
VIN max
30
V
Maximum Output current
IO max
3
A
SW pin application reverse voltage
VSW
-1
V
Pd max1
Infinitely large heat sink.
7.5
W
Allowable power dissipation
Pd max2
Independent IC.
1.75
W
Operating temperature
Topr
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
Junction temperature
Tj max
150
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 28
V
Monolithic Linear IC
Separately-excited Step-down
Switching Regulator
(Variable Type)
Ordering number : ENA0476A


同様の部品番号 - LA5779-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5779 SANYO-LA5779 Datasheet
64Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5779N SANYO-LA5779N Datasheet
64Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results

同様の説明 - LA5779-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LV57331TT SANYO-LV57331TT Datasheet
210Kb / 4P
   1ch Step-up Switching Regulator (Variable Type)
LA5735M-TE-L-E SANYO-LA5735M-TE-L-E Datasheet
96Kb / 7P
   Separately-Excited Step-Down Switching Regulator (Variable Type)
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
   Separately-Excited Step-Down Switching Regulator (Variable Output Type)
logo
Intersil Corporation
CA1523 INTERSIL-CA1523_00 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
logo
Sanyo Semicon Device
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5754 SANYO-LA5754 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com