データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA40-700B データシート(PDF) 1 Page - STMicroelectronics

部品番号 BTA40-700B
部品情報  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40-700B データシート(HTML) 1 Page - STMicroelectronics

  BTA40-700B Datasheet HTML 1Page - STMicroelectronics BTA40-700B Datasheet HTML 2Page - STMicroelectronics BTA40-700B Datasheet HTML 3Page - STMicroelectronics BTA40-700B Datasheet HTML 4Page - STMicroelectronics BTA40-700B Datasheet HTML 5Page - STMicroelectronics BTA40-700B Datasheet HTML 6Page - STMicroelectronics BTA40-700B Datasheet HTML 7Page - STMicroelectronics BTA40-700B Datasheet HTML 8Page - STMicroelectronics BTA40-700B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2009
Doc ID 7469 Rev 8
1/9
9
BTA40, BTA41, BTB41
40 A standard TRIACs
Features
High current TRIAC
Low thermal resistance with clip bonding
High commutation capability
BTA series UL1557 certified (File ref: 81734)
Packages are RoHS (2002/95/EC) compliant
Applications
On/off function in static relays, heating
regulation, induction motor starting circuits
Phase control operations in light dimmers,
motor speed controllers, and similar
Description
Available in high power packages, the
BTA/BTB40-41 series is suitable for general
purpose AC switching.
The BTA series provides an insulated tab (rated at
2500 V rms).
TOP3 insulated
(BTA41)
TOP3
(BTB41)
RD91 insulated
(BTA40)
A2
A1
G
G
A2
A1
G
A2
A2
A1
G
A2
A1
Table 1.
Device summary
Symbol
Parameter
BTA40(1)
1.
Insulated package
BTA41(1)
BTB41
Unit
IT(RMS)
On-state rms current
40
41
41
A
VDRM/VRRM
Repetitive peak off-state voltage
600 and 800
600 and 800
600 and 800
V
IGT
Triggering gate current
50
50
50
mA
www.st.com


同様の部品番号 - BTA40-700B

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-700B ISC-BTA40-700B Datasheet
208Kb / 2P
   isc Triacs
More results

同様の説明 - BTA40-700B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com