データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1085CMRN データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1085CMRN
部品情報  3A Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1085CMRN データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1085CMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1085CMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS1085
3A Low Dropout Positive Voltage Regulator
2/7
Version: C12
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
15
V
Operation Input Supply Voltage
VIN (Opr. Typ.)
12
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
Junction to Ambient
TO-220
Ө
JA
80
oC/W
TO-263
85
TO-252
105
Operating Junction Temperature Range
TJ
0 ~+125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263
10
S
TO-252
5
Electrical Specification (Ta = 25
oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
VIN= 2.75, Io=3A
1.225
1.25
1.275
V
Line Regulation
Vo+1.5V ≤ VIN ≤ 7V, Io= 10mA
--
0.015
0.2
%
Load Regulation (Note 1,2)
VIN = VOUT +1.5V, Io= 10mA ~ 3A
--
0.05
1
%
Dropout Voltage
Io=3A, ∆ VOUT = 1% VOUT
--
1.3
1.5
V
Quiescent Current
VIN = 5V
--
8
10
mA
Adjustable Pin Current
--
90
--
uA
Output Current Limit
VIN - VOUT = 1.5V
3
4
--
A
Temperature Stability
Io=10mA,
--
0.5
--
%
Ripple Rejection
F= 120Hz, Io= 1A, COUT = 25uF,
VIN = Vout+3V
--
60
70
dB
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load
regulation is measured at the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation
is determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.
Note 4: The Output Capacitor does not have a theoretical upper limit and increasing its value will increase stability
COUT=100uF or more is typical for high current regulator design.


同様の部品番号 - TS1085CMRN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085CMRN TSC-TS1085CMRN Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1085CMRN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com