データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19601CP5RO データシート(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19601CP5RO
部品情報  700mA High Voltage Adjustable Current Regulator With Enable Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19601CP5RO データシート(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS19601CP5RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19601CP5RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS19601
700mA High Voltage Adjustable Current Regulator
With Enable Control
7/8
Version: B11
TO-252-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-252-5L DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
6.350
6.730
0.250
0.265
B
9.080
10.440
0.357
0.411
C
0.460
0.640
0.018
0.025
D
1.27BSC
0.05BSC
E
2.19
2.380
0.086
0.094
F
0.460
0.570
0.018
0.022
G
1.400
1.780
0.055
0.070
H
0.460
0.570
0.018
0.022
I
5.34
5.550
0.210
0.219
J
1.520
2.030
0.060
0.080


同様の部品番号 - TS19601CP5RO

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19601CP5RO TSC-TS19601CP5RO Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5ROG TSC-TS19601CP5ROG Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
More results

同様の説明 - TS19601CP5RO

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
   700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
National Semiconductor ...
LP3994 NSC-LP3994 Datasheet
253Kb / 12P
   50mA CMOS Voltage Regulator with Enable Control
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6700 AITSEMI-A6700 Datasheet
719Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 700mA CMOS LOW NOISE WITH ENABLE PIN
REV1.4
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com