データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19701A データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19701A
部品情報  CC/CV Primary-Side PWM Controller Power on Soft-start
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19701A データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19701A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS19701A
CC/CV Primary-Side PWM Controller
4/9
Version: A12
Function Description
TS19701A is a cost effective PWM power switch optimized for off-line low power AC/DC applications including
battery chargers and adapters. It operates in primary side sensing and regulation, thus opto-coupler and TL431 are
not required. Proprietary built-in CV and CC control can achieve high precision CC/CV control meeting most
adapter and charger application requirements.
Startup Current and Start up Control
Startup current of TS19701A is designed to be very low so that VDD could be charged up above UVLO threshold
and starts up quickly. A large value startup resistor can therefore be used to minimize the power loss in application.
Operating Current
The Operating current of TS19701A is as low as 2.0mA. Good efficiency is achieved with the low operating current
together with ‘Muti-mode’ control features.
Soft Start
TS19701A features an internal soft start to minimize the component electrical over-stress during power on startup.
As soon as VDD reaches UVLO (OFF), the control algorithm will ramp peak current voltage threshold gradually
from nearly zero to normal setting of 0.91V. Every restart is a soft start.
CC/CV Operation
TS19701A is designed to produce good CC/CV control characteristic as shown in the Fig. 1. In charger
applications, a discharged battery charging starts in the CC portion of the curve until it is nearly full charged and
smoothly switches to operate in CV portion of the curve. In an AC/DC adapter, the normal operation occurs only on
the CV portion of the curve. The CC portion provides output current limiting. In CV operation, the output voltage is
regulated through the primary side control. In CC operation mode, TS19701A will regulate the output current
constant regardless of the output voltage drop.
Principle of Operation
To support TS19701A proprietary CC/CV control, system needs to be designed in DCM mode for flyback system
(Refer to Typical Application Diagram on page1). In the DCM flyback converter, the output voltage can be sensed
via the auxiliary winding. During MOSFET turn-on time, the load current is supplied from the output filter capacitor
Co. The current in the primary winding ramps up. When MOSFET turns off, the primary current transfers to the
secondary at the amplitude of
The auxiliary voltage reflects the output voltage as shown in fig.2 and it is given by
Where ∆V indicates the drop voltage of the output Diode.


同様の部品番号 - TS19701A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
TS19702 TSC-TS19702 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
TS19702CX6-RFG TSC-TS19702CX6-RFG Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
TS19702CX6RFG TSC-TS19702CX6RFG Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
More results

同様の説明 - TS19701A

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
AP8022A AITSEMI-AP8022A Datasheet
483Kb / 12P
   PWM CONTROLLER CC/CV PRIMARY-SIDE POWER SWITCH
REV1.0 - OCT 2020
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
   PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
logo
List of Unclassifed Man...
OB2532 ETC2-OB2532 Datasheet
404Kb / 10P
   High Precision CC/CV Primary-Side PWM Controller
logo
Princeton Technology Co...
RS2139 PTC-RS2139 Datasheet
253Kb / 4P
   High Precision CC / CV Primary-Side PWM Controller
logo
Maxic Technology Corpor...
MT7970 MAXIC-MT7970 Datasheet
219Kb / 1P
   High Precision CC/CV Primary-Side PWM Controller
logo
Shenzhen Winsemi Microe...
WS3252 WINSEMI-WS3252 Datasheet
440Kb / 8P
   WS3252 High Precision CC/CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
   Primary-Side-Control CC/CV Controller
logo
Unisonic Technologies
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com