データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX4245 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74LVX4245
部品情報  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX4245 データシート(HTML) 7 Page - Fairchild Semiconductor

  74LVX4245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX4245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M24B
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Package Number MQA24


同様の部品番号 - 74LVX4245

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
STMicroelectronics
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
National Semiconductor ...
74LVX4245MTC NSC-74LVX4245MTC Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245MTCX NSC-74LVX4245MTCX Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
STMicroelectronics
74LVX4245MTR STMICROELECTRONICS-74LVX4245MTR Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

同様の説明 - 74LVX4245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com