データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVXC3245QSC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74LVXC3245QSC
部品情報  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245QSC データシート(HTML) 6 Page - Fairchild Semiconductor

  74LVXC3245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245QSC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Power Up Considerations
To insure the system does not experience unnecessary ICC
current draw, bus contention, or oscillations during power
up, the following guidelines should be adhered to (refer to
Table 1):
• Power up the control side of the device first. This is the
VCCA side.
• OE should ramp with or ahead of VCCA. This will help
guard against bus contention.
• The Transmit/Receive control pin (T/R) should ramp with
VCCA, this will ensure that the A Port data pins are con-
figured as inputs. With VCCA receiving power first, the A
I/O Port should be configured as inputs to help guard
against bus contention and oscillations.
• A side data inputs should be driven to a valid logic level.
This will prevent excessive current draw.
The above steps will ensure that no bus contention or oscil-
lations, and therefore no excessive current draw occurs
during the power up cycling of these devices. These steps
will help prevent possible damage to the translator devices
and potential damage to other system components.
TABLE 1. Low Voltage Translator Power Up Sequencing Table
Please reference Application Note AN-5001 for more detailed information on using Fairchild’s LVX Low Voltage Dual
Supply CMOS Translating Transceivers.
Configurable I/O Application for PCMCIA Cards
Block Diagram
The LVXC3245 is a 24-pin dual supply device well suited
for PCMCIA configurable I/O applications. Ideal for low
power notebook designs, the LVXC3245 consumes less
than 1 mW of quiescent power in all modes of operation.
The LVXC3245 meets all PCMCIA I/O voltage require-
ments at 5V and 3.3V operation. By tying VCCB of the
LVXC3245 to the card voltage supply, the PCMCIA card
will always experience rail to rail output swings, maximizing
the reliability of the interface.
The VCCA pin on the LVXC3245 must always be tied to a
3V power supply. This voltage connection provides internal
references needed to account for variations in VCCB. When
connected as in the figure above, the LVXC3245 meets all
the voltage and current requirements of the ISA bus stan-
dard (IEEE P996).
Device Type
VCCA
VCCB
T/R
OE
A Side I/O
B Side I/O
Floatable Pin
Allowed
74LVXC3245
3V
3V to 5.5V
ramp
ramp
logic
outputs
yes, VCCB and B
(power up 1st)
configurable
with VCCA
with VCCA
0V or VCCA
I/O’s w/ OE HIGH


同様の部品番号 - 74LVXC3245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245QSC ONSEMI-74LVXC3245QSC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

同様の説明 - 74LVXC3245QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245WMX FAIRCHILD-74LVXC3245WMX Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com