データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX162244 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 74VCX162244
部品情報  Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistor in Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162244 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button 74VCX162244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


同様の部品番号 - 74VCX162244

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244G ONSEMI-74VCX162244G Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244MTD ONSEMI-74VCX162244MTD Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
logo
STMicroelectronics
74VCX162244TTR STMICROELECTRONICS-74VCX162244TTR Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
More results

同様の説明 - 74VCX162244

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16244 FAIRCHILD-74VCX16244 Datasheet
52Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com