データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX08MTCX データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74VCX08MTCX
部品情報  Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX08MTCX データシート(HTML) 5 Page - Fairchild Semiconductor

  74VCX08MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74VCX08MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Dynamic Switching Characteristics
Capacitance
AC Loading and Waveforms (VCC 3.3V r 0.3V to 1.8V r 0.15V)
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-inverting Functions
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.25
V
2.5
0.6
3.3
0.8
VOHV
Quiet Output Dynamic Valley VOH
CL 30 pF, VIH VCC, VIL 0V
1.8
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
6.0
pF
COUT
Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7.0
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20.0
pF
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.3V
r 0.3V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2


同様の部品番号 - 74VCX08MTCX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX08MTC ONSEMI-74VCX08MTC Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX08MTC ONSEMI-74VCX08MTC Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Fairchild Semiconductor
74VCX08MTC FAIRCHILD-74VCX08MTC_08 Datasheet
732Kb / 12P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results

同様の説明 - 74VCX08MTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08_08 Datasheet
732Kb / 12P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX02FT TOSHIBA-TC74VCX02FT Datasheet
366Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NOT GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com