データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX162839MTD データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74VCX162839MTD
部品情報  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162839MTD データシート(HTML) 2 Page - Fairchild Semiconductor

  74VCX162839MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162839MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Functional Description
The 74VCX162839 consists of twenty selectable non-
inverting buffers or registers with word wide controls. Mode
functionality is selected through operation of the CP and
REGE pin as shown by the truth table. When REGE is held
at a logic “1” the device operates as a 20-bit register. Data
is transferred from In to On on the rising edge of the CP pin.
When the REGE pin is held at a logic “0” the device oper-
ates in a flow through mode and data propagates directly
from the In to the On outputs. All outputs can be 3-stated by
holding the OE pin at a logic “1.”
Logic Diagram
Inputs
Outputs
CP
REGE
In
OE
On
HH
L
H
HL
L
L
XL
H
L
H
X
LLL
L
XXX
H
Z


同様の部品番号 - 74VCX162839MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
More results

同様の説明 - 74VCX162839MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com