データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX16500 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74VCX16500
部品情報  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16500 データシート(HTML) 6 Page - Fairchild Semiconductor

  74VCX16500 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 11)
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Symbol
Parameter
VCC = 3.3V ± 0.3V
VCC = 2.5 ± 0.2V
VCC = 1.8 ± 0.15V
Units
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
100
MHz
tPHL
Propagation Delay
0.62.9
0.83.5
1.57.0
ns
tPLH
Bus to Bus
tPHL
Propagation Delay
0.64.2
0.85.3
1.59.8
ns
tPLH
Clock to Bus
tPHL
Propagation Delay
0.63.8
0.84.9
1.59.8
ns
tPLH
LE to Bus
tPZL
Output Enable Time
0.63.8
0.84.9
1.59.8
ns
tPZH
tPLZ
Output Disable Time
0.63.7
0.84.2
1.57.6
ns
tPHZ
tS
Setup Time
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tOSHL
Output to Output
0.5
0.5
0.75
ns
tOSLH
Skew (Note 12)
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
Units
Typical
VOLP
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
0.25
0.6
0.8
V
Peak VOL
VOLV
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
−0.25
−0.6
−0.8
V
Valley VOL
VOHV
Quiet Output Dynamic
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
1.5
1.9
2.2
V
Valley VOH
Symbol
Parameter
Conditions
TA = +25°C
Units
CIN
Input Capacitance
VI = 0V or VCC
6pF
VCC = 1.8V, 2.5V, or 3.3V,
CI/O
Output Capacitance
VI = 0V, or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz
20
pF
VCC = 1.8V, 2.5V or 3.3V


同様の部品番号 - 74VCX16500

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500MTD FAIRCHILD-74VCX16500MTD Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

同様の説明 - 74VCX16500

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com