データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV831 データシート(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV831
部品情報  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV831 データシート(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV831_12 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV831_12 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
AZV831/2
1.8V DC Electrical Characteristics
VCC=1.8V, VEE=0, VOUT=VCC/2, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max Unit
Input Offset Voltage
VOS
0.5
2.5
mV
Input Bias Current
IB
1.0
pA
Input Offset Current
IOS
1.0
pA
Input Common-mode Voltage Range
VCM
-0.2
2.0
V
Common-mode Rejection Ratio
CMRR
VCM=-0.2V to 2.0V
55
75
dB
Large Signal Voltage Gain
GV
RL=10kΩ to VCC/2,
VOUT=0.2V to 1.6V
90
112
dB
Input Offset Voltage Drift
∆VOS/∆T
2.0
µV/
°C
Output Voltage Swing from Rail
VOL/VOH
RL=1kΩ to VCC/2
25
50
mV
RL=10kΩ to VCC/2
3
15
Output Current
Sink
ISINK
VOUT=VCC
12
16
mA
Source
ISOURCE VOUT=0V
10
14
Closed-loop Output Impedance
ZOUT
f=10kHz
9
Power Supply Rejection Ratio
PSRR
VCC=1.6V to 5.0V
66
80
dB
Supply Current (Per Amplifier)
ICC
VOUT=VCC/2, IOUT=0
70
90
µA
1.8V AC Electrical Characteristics
VCC=1.8V, VEE=0, VOUT=VCC/2, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max
Unit
Gain Bandwidth Product
GBP
RL=100kΩ
1.0
MHz
Slew Rate (Note 2)
SR
1V Step,
CL=100pF, RL=10kΩ
0.34
V/µs
Phase Margin
φM
RL=100kΩ
67
Degrees
Total Harmonic Distortion+Noise
THD+N
f=1kHz, AV=1, VIN=1Vpp
RL=10kΩ, CL=100pF
-70
dB
Voltage Noise Density
en
f=1kHz
27
Hz
nV/
Note 2: Number specified is the positive slew rate.


同様の部品番号 - AZV831_12

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV831KSTR-G1 BCDSEMI-AZV831KSTR-G1 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
AZV831KTR-G1 BCDSEMI-AZV831KTR-G1 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Diodes Incorporated
AZV831KTR-G1 DIODES-AZV831KTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

同様の説明 - AZV831_12

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2 Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
MOSA ELECTRONICS
MSV932 MOSA-MSV932 Datasheet
478Kb / 10P
   Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com