データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV321KSTR-E1 データシート(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV321KSTR-E1
部品情報  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV321KSTR-E1 データシート(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV321KSTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV321KSTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
Data Sheet
8
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 12. Output Voltage Swing vs. Supply Voltage
Figure 13. Output Voltage Swing vs. Temperature
Typical Performance Characteristics (Continued)
Figure 14. Gain and Phase
vs. Frequency and Resistive Load
10k
100k
1M
-10
0
10
20
30
40
50
60
70
80
-20
0
20
40
60
80
100
Gain
V
CC=2.5V, VEE=-2.5V
C
L=0
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
Frequency (Hz)
Phase Margin
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
V
CC-VOH
V
OL
Negative Swing
V
EE=0V
R
L=10KΩ to 1/2 VCC
Positive Swing
Supply Voltage (V)
-40
-20
0
204060
80
0
20
40
60
80
100
Negtive Swing_V
OL
Positave Swing_V
CC-VOH
V
CC=2.7V
V
CC=5V
V
CC=2.7V
R
L=10Kto VCC/2
Temperature (
OC)
V
CC=5V


同様の部品番号 - AZV321KSTR-E1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321KSTR-E1 DIODES-AZV321KSTR-E1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
More results

同様の説明 - AZV321KSTR-E1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com