データシートサーチシステム |
|
4-1393774-3 データシート(PDF) 1 Page - Tyco Electronics |
|
4-1393774-3 データシート(HTML) 1 Page - Tyco Electronics |
1 / 5 page 02-2012, Rev. 0212 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 AXICOM Signal Relays P1 Relay V23026 Coil Data Magnetic system polarized Coil voltage range 3 to 24VDC other coil voltages on request Operative range, IEC 61810 see coil operative range Max. coil temperature 85°C Thermal resistance <130K/W Coil versions, THT, monostable Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDCmin. VDCmin. Ω ±10% mW 006 3 2.25 0.3 137 66 001 5 3.75 0.5 370 68 005 9 6.75 0.9 1165 70 002 12 9.00 1.2 2250 34 004 24 18.00 2.4 4500 128 All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil versions, SMT, monostable Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDCmin. VDCmin. Ω ±10% mW 026 3 2.25 0.3 113 80 021 5 3.75 0.5 313 80 025 9 6.75 0.9 1015 80 022 12 9.00 1.2 1800 80 024 24 18.00 2.4 4500 128 All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil operative range, monostable DC coil n Directly triggerable with TTL standard modules as ALS, HCT & ACT n Slim line 13.5x7.85mm (0.531x0.309”) n Switching current 1 A n Bifurcated 1 form C (CO) contact n Immersion cleanable n High sensitivity results in low nominal power consumption, 65 to 130mW for monostable and 30 to 150mW for bistable (latching) n Initial surge withstand voltage 2.5kV (2/10μs) meets the Bellcore Requirement GR-1089 1.5kV (10/160μs) meets FCC Part 68 Typical applications Automotive equipment, CAN bus, imobilizer, office equipment, measurement and control equipment, medical equipment, safety equipment Approvals UL 508 File No. E 111441 Technical data of approved types on request Contact Data Contact arrangement 1 form C (CO) Max. switching voltage 125VDC, 150VAC Rated current 1A Limiting continuous current, 85°C 1A Breaking capacity max. see max. DC load breaking capacity Contact material Palladium nickel, gold-rhodium covered Contact style bifurcated contact Min. recommended contact load 10mA at 20mV Initial contact resistance ≤50mΩ at 10mA/20mV Frequency of operation without load 200 ops./s Operate/release time max. 2ms Set/reset time max. 2ms Bounce time max. 3ms Electrical endurance at 12V/10mA typ. 50x106 operations at 6V/100mA typ. 10x106 operations at 30V/1000mA typ. 10x103 operations Contact ratings UL contact ratings 30VDC/1A 65VDC/0.46A 150VAC/0.46A Mechanical endurance typ. 109 operations Max. DC load breaking capacity 108-98009 Rev. E All specifications subject to change. Consult Tyco Electronics for latest specifications. 7 of 12 Telecom-, Signal and RF Relays P1 V23026 Relay AXICOM Contact Data Number of contacts and type 1 changeover contact Contact assembly Bifurcated contact Contact material Palladium nickel, gold-rhodium covered Limiting continuous current at max. ambient temperature 1 A Maximum switching current 1 A Maximum swichting voltage 125 Vdc 150 Vac Maximum switching capacity 30 W, 60 VA Thermoelectric potential < 100 µV Initial contact resistance / measuring condition: 10 mA / 20 mV < 50 m Electrical endurance at 12 V / 10 mA at 6 V / 100 mA at 30 V / 1000 mA typ. 5 x 107 operations typ. 1 x 107 operations typ. 1 x 104 operations Mechanical endurance typ. 109 operations UL contact ratings 30 Vdc / 1 A 65 Vdc / 0.46 A 150 Vac / 0.46 A Max. DC Load Breaking Capacity 108-98009 Rev. E All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 12 Telecom-, Signal and RF Relays P1 V23026 Relay AXICOM Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) Umax. at 0 A Umax. at - 1 A Unom. nominal coil voltage Uop. min. Urel. min. Ambient Temperature [°C] Umax. at 0 A 65 mW 130 mW Ambient Temperature [°C] Unom. nominal coil voltage Umax. - 100 % coil duty at 0 A 65 mW Latching 32 mW Latching Umax. - 5 % coil duty at 1 A Umax. - 5 % coil duty at 0 A Uset min. Z P1_THTSMD |
同様の部品番号 - 4-1393774-3 |
|
同様の説明 - 4-1393774-3 |