データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCXH16373 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VCXH16373
部品情報  Low Voltage 16-Bit Transparent Latch with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16373 データシート(HTML) 4 Page - Fairchild Semiconductor

  74VCXH16373 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions (Note 5)
Note 3: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO)
Outputs 3-STATED
0.5V to 4.6V
Outputs Active (Note 4)
0.5V to VCC 0.5V
DC Input Diode Current (IIK) VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.2V to 3.6V
Input Voltage
0.3V to 3.6V
Output Voltage (VO)
Output in Active States
0V to VCC
Output in “OFF” State
0V to 3.6V
Output Current in IOH/IOL
VCC 3.0V to 3.6V
r24 mA
VCC 2.3V to 2.7V
r18 mA
VCC 1.65V to 2.3V
r6 mA
VCC 1.4V to 1.6V
r2 mA
VCC 1.2V
r100 PA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7
 3.6
2.0
V
2.3
 2.7
1.6
1.65
 2.3 0.65 x VCC
1.4
 1.6
0.65 x VCC
1.2
0.65 x VCC
VIL
LOW Level Input Voltage
2.7
 3.6
0.8
V
2.3
 2.7
0.7
1.65
 2.3
0.35 x VCC
1.4
 1.6
0.35 x VCC
1.2
0.05 x VCC
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7
 3.6
VCC  0.2
V
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
IOH 100 PA
2.3
 2.7
VCC  0.2
IOH 6 mA
2.3
2.0
IOH 12 mA
2.3
1.8
IOH 18 mA
2.3
1.7
IOH 100 PA
1.65
 2.3
VCC  0.2
IOH 6 mA
1.65
1.25
IOH 100 PA
1.4
 1.6
VCC  0.2
IOH 2 mA
1.4
1.05
IOH 100 PA
1.2
VCC  0.2


同様の部品番号 - 74VCXH16373

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
ON Semiconductor
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

同様の説明 - 74VCXH16373

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
Toshiba Semiconductor
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com