データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCXH16373MTD データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74VCXH16373MTD
部品情報  Low Voltage 16-Bit Transparent Latch with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16373MTD データシート(HTML) 5 Page - Fairchild Semiconductor

  74VCXH16373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16373MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7
 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA1.65  2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA1.4  1.6
0.2
IOL 2 mA
1.4
0.35
IOL 100 PA
1.2
0.05
II
Input Leakage Current
Control Pins
0
d VI d 3.6V
1.4
 3.6
r5.0
PA
Data Pins
VI VCC or GND
1.4
 3.6
r5.0
PA
II(HOLD)
Bushold Input Minimum
VIN 0.8V
3.0
75.0
PA
Drive Hold Current
VIN 2.0V
3.0
75.0
VIN 0.7V
2.3
45.0
VIN 1.6V
2.3
45.0
VIN 0.57V
1.65
25.0
VIN 1.07V
1.65
25.0
II(OD)
Bushold Input Over-Drive
(Note 6)
3.6
450
PA
Current to Change State
(Note 7)
3.6
450
(Note 6)
2.7
300
(Note 7)
2.7
300
(Note 6)
1.95
200
(Note 7)
1.95
200
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.2
 3.6
r10.0
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VO) d 3.6V
0
10.0
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2
 3.6
20.0
PA
VCC d (VO) d 3.6V (Note 8)
1.2
 3.6
r20.0
'ICC
Increase in ICC per Input
VIH VCC - 0.6V
2.7
 3.6
750
PA


同様の部品番号 - 74VCXH16373MTD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
ON Semiconductor
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

同様の説明 - 74VCXH16373MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
Toshiba Semiconductor
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com