データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-071 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LM-071
部品情報  Bluetooth Module ??Part Code LM-071 Class 2 BC04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM-071 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LM-071 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM-071
0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com
Page Number : 2 of 6
LM-071 Specifications
Radio Characteristics – Basic Data Rate
Radio Characteristics, VDD = 3.3V Temperature =+20°C
Freauency
(GHz)
Min
Typ
Max
Bluetooth
Specification
Unit
2.402
-
-83
-82
dBm
2.441
-
-83
-82
dBm
Sensitivity at 0.1% BER
2.480
-
-83
-82
< - 70
dBm
2.402
-
-6
0
dBm
2.441
-
-6
0
dBm
Maximum received signal at
0.1% BER
2.480
-
-6
0
> - 20
dBm
2.402
-
+2
-
dBm
2.441
-
+2
-
dBm
RF transmit power(1)
2.480
-
+2
-
-6 to +4(2)
dBm
2.402
-
12
20
kHz
2.441
-
10
20
kHz
Initial carrier frequency tolerance
2.480
-
9
20
±75
kHz
2.402
-
879
1000
kHz
2.441
-
816
1000
kHz
20dBm bandwidth for modulated
carrier
2.480
-
819
1000
< 1000
kHz
2.402
-
-
20
kHz
2.441
-
-
20
kHz
Drift (single slot packet)
2.480
-
-
20
<25
kHz
2.402
-
-
20
kHz
2.441
-
-
20
kHz
Drift (five slot packet)
2.480
-
-
20
<40
kHz
2.402
-
-
15
kHz/50µs
2.441
-
-
15
kHz/50µs
Drift Rate
2.480
-
-
15
20
kHz/50µs
RF power control range
16
35
-
>16
dB
RF power range control resolution
-
1.8
-
-
dB
2.402
145
165
175
kHz
2.441
145
165
175
kHz
f1avg “Maximum Moudulation”
2.480
145
165
175
140< f1avg <175
kHz
2.402
115
150
-
kHz
2.441
115
150
-
kHz
f2maz “Minimum Modulation”
2.480
115
150
-
115
kHz
C/I co-channel
-
10
11
<= 11
dB
Adjacent channel selectivity C/I F=F0 +1 MHz(3)(5)
-
-4
0
<= 0
dB
Adjacent channel selectivity C/I F=F0 - 1MHz(3)(5)
-
-4
0
<= 0
dB
Adjacent channel selectivity C/I F=F0 +2 MHz(3)(5)
-
-35
-30
<= - 30
dB
Adjacent channel selectivity C/I F=F0 - 2MHz(3)(5)
-
-21
-20
<= - 20
dB
Adjacent channel selectivity C/I F
>=F0 +3 MHz(3)(5)
-
-45
-
<= - 40
dB
Adjacent channel selectivity C/I F
<=F0 -5 MHz(3)(5)
-
-45
-
<= - 40
dB


同様の部品番号 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
More results

同様の説明 - LM-071

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com